Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S16102-5T Datasheet(PDF) 11 Page - Integrated Circuit Solution Inc

Part # IC42S16102-5T
Description  512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16102-5T Datasheet(HTML) 11 Page - Integrated Circuit Solution Inc

Back Button IC42S16102-5T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16102-5T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16102-5T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S16102-5T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC42S16102-5T Datasheet HTML 11Page - Integrated Circuit Solution Inc IC42S16102-5T Datasheet HTML 12Page - Integrated Circuit Solution Inc IC42S16102-5T Datasheet HTML 13Page - Integrated Circuit Solution Inc IC42S16102-5T Datasheet HTML 14Page - Integrated Circuit Solution Inc IC42S16102-5T Datasheet HTML 15Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
IC42S16102
Integrated Circuit Solution Inc.
11
DR042-0A 01/18/2005
Mode Register Set Command
(CS, RAS, CAS, WE = LOW)
The IC42S16102 product incorporates a register that
defines the device operating mode. This command
functions as a data input pin that loads this register from
the pins A0 to A11. When power is first applied, the
stipulated power-on sequence should be executed and
then the IC42S16102 should be initialized by executing a
mode register set command.
Note that the mode register set command can be executed
only when both banks are in the idle state (i.e. deactivated).
Another command cannot be executed after a mode
register set command until after the passage of the period
tMCD, which is the period required for mode register set
command execution.
Active Command
(CS, RAS = LOW, CAS, WE= HIGH)
The IC42S16102 includes two banks of 4096 rows each.
This command selects one of the two banks according to
the A11 pin and activates the row selected by the pins A0
to A10.
This command corresponds to the fall of the RAS signal
from HIGH to LOW in conventional DRAMs.
Precharge Command
(CS, RAS, WE = LOW, CAS = HIGH)
This command starts precharging the bank selected by
pins A10 and A11. When A10 is HIGH, both banks are
precharged at the same time. When A10 is LOW, the bank
selected by A11 is precharged. After executing this
command, the next command for the selected bank(s) is
executed after passage of the period tRP, which is the
period required for bank precharging.
This command corresponds to the RAS signal from LOW
to HIGH in conventional DRAMs
Read Command
(CS, CAS = LOW, RAS, WE = HIGH)
This command selects the bank specified by the A11 pin
and starts a burst read operation at the start address
specified by pins A0 to A9. Data is output following CAS
latency.
The selected bank must be activated before executing this
command.
When the A10 pin is HIGH, this command functions as a
read with auto-precharge command. After the burst read
completes, the bank selected by pin A11 is precharged.
When the A10 pin is LOW, the bank selected by the A11
pin remains in the activated state after the burst read
completes.
Write Command
(CS, CAS, WE = LOW, RAS = HIGH)
When burst write mode has been selected with the mode
register set command, this command selects the bank
specified by the A11 pin and starts a burst write operation
at the start address specified by pins A0 to A9. This first
data must be input to the I/O pins in the cycle in which this
command.
The selected bank must be activated before executing this
command.
When A10 pin is HIGH, this command functions as a write
with auto-precharge command. After the burst write
completes, the bank selected by pin A11 is precharged.
When the A10 pin is low, the bank selected by the A11 pin
remains in the activated state after the burst write completes.
After the input of the last burst write data, the application
must wait for the write recovery period (tDPL, tDAL) to elapse
according to CAS latency.
Auto-Refresh Command
(CS, RAS, CAS = LOW, WE, CKE = HIGH)
This command executes the auto-refresh operation. The
row address and bank to be refreshed are automatically
generated during this operation.
Both banks must be placed in the idle state before executing
this command.
The stipulated period (tRC) is required for a single refresh
operation, and no other commands can be executed
during this period.
The device goes to the idle state after the internal refresh
operation completes.
This command must be executed at least 4096 times every
64 ms.
This command corresponds to CBR auto-refresh in
conventional DRAMs.


Similar Part No. - IC42S16102-5T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5T ICSI-IC42S16100-5T Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TG ICSI-IC42S16100-5TG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TI ICSI-IC42S16100-5TI Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TIG ICSI-IC42S16100-5TIG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S16102-5T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6JB WINBOND-W9816G6JB Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com