Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41SV44052-70JG Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC41SV44052-70JG
Description  4Mx4 bit Dynamic RAM with Fast Page Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41SV44052-70JG Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC41SV44052-70JG Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41SV44052-70JG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41SV44052-70JG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41SV44052-70JG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41SV44052-70JG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41SV44052-70JG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41SV44052-70JG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41SV44052-70JG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41SV44052-70JG Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IC41SV44052
IC41SV44054
2
Integrated Circuit Solution Inc.
DR035-0B 7/31/2002
FEATURES
• Fast Page Mode Access Cycle
• TTL compatible inputs and outputs
• Refresh Interval:
-- 2,048 cycles/32 ms
-- 4,096 cycles/64 ms
• Refresh Mode:
RAS-Only,
CAS-before-RAS (CBR), and Hidden
• JEDEC standard pinout
• Single power supply:
1.9V
− 2.7V
DESCRIPTION
The
ICSI 44052/44054 Series is a 4,194,304 x 4-bit high-
performance CMOS Dynamic Random Access Memory. The
Fast Page Mode allows 2,048 or 4,096 random accesses within
a single row with access cycle time as short as 20 ns per 4-bit
word.
These features make the 44052/44054 Series ideally suited for
digital signal processing, and low power portable audio
applications.
The 44052/44054 Series is packaged in a 26-pin 300mil SOJ
and a 26 pin TSOP-2
4M x 4 (16-MBIT) DYNAMIC RAM
WITH FAST PAGE MODE
KEY TIMING PARAMETERS
Parameter
-70 -100 Unit
RAS Access Time (tRAC)
70
100
ns
CAS Access Time (tCAC)20
25
ns
Column Address Access Time (tAA)35
50
ns
Fast Page Mode Cycle Time (tPC)45
60
ns
Read/Write Cycle Time (tRC)
130
180
ns
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
PIN DESCRIPTIONS
A0-A11
Address Inputs (4K Refresh)
A0-A10
Address Inputs (2K Refresh)
I/O0-3
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
Vcc
Power
GND
Ground
PIN CONFIGURATION
24 (26) Pin SOJ, TSOP-2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
I/O0
I/O1
WE
RAS
*A11(NC)
A10
A0
A1
A2
A3
VCC
GND
I/O3
I/O2
CAS
OE
A9
A8
A7
A6
A5
A4
GND
Preliminary
*A11 is NC for 2K Refresh devices.


Similar Part No. - IC41SV44052-70JG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV4105-100J ICSI-IC41SV4105-100J Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV4105-100JG ICSI-IC41SV4105-100JG Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV4105-100T ICSI-IC41SV4105-100T Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV4105-100TG ICSI-IC41SV4105-100TG Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41SV44052-70JG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41UV4105 ICSI-IC41UV4105 Datasheet
181Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
logo
Mitsubishi Electric Sem...
M5M44400AL MITSUBISHI-M5M44400AL Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
Toshiba Semiconductor
THM91000S TOSHIBA-THM91000S Datasheet
1Mb / 16P
   1,048,576 WORDSX9 BIT FAST PAGE MODE DYNAMIC RAM MODULE
logo
Integrated Circuit Solu...
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com