Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41UV4105-100J Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC41UV4105-100J
Description  1Mx4 bit Dynamic RAM with Fast Page Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41UV4105-100J Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC41UV4105-100J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41UV4105-100J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41UV4105-100J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41UV4105-100J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41UV4105-100J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41UV4105-100J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41UV4105-100J Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41UV4105-100J Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41UV4105-100J Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IC41UV4105
Integrated Circuit Solution Inc.
7
DR020-0B 08/24/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-
50
-
70
-
100
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max. Units
tRC
Random READ or WRITE Cycle Time
90
130
180
ns
tRAC
Access Time from
RAS(6, 7)
50
70
100
ns
tCAC
Access Time from
CAS(6, 8, 15)
14
20
25
ns
tAA
Access Time from Column-Address(6)
25
35
50
ns
tRAS
RAS Pulse Width
50
10K
70
10K
100
10K
ns
tRP
RAS Precharge Time
30
50
70
ns
tCAS
CAS Pulse Width(23)
8
10K
20
10K
25
10K
ns
tCP
CAS Precharge Time(9)
8
10
10
ns
tCSH
CAS Hold Time (21)
50
70
100
ns
tRCD
RAS to CAS Delay Time(10, 20)
19
36
20
50
25
75
ns
tASR
Row-Address Setup Time
0
0
0
ns
tRAH
Row-Address Hold Time
8
10
15
ns
tASC
Column-Address Setup Time(20)
0
0
0
ns
tCAH
Column-Address Hold Time(20)
8
15
20
ns
tAR
Column-Address Hold Time
40
70
100
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
14
25
15
35
20
50
ns
tRAL
Column-Address to
RAS Lead Time
25
35
50
ns
tRPC
RAS to CAS Precharge Time
0
5
5
ns
tRSH
RAS Hold Time
14
20
25
ns
tCLZ
CAS to Output in Low-Z(15, 24)
3
3
3
ns
tCRP
CAS to RAS Precharge Time(21)
5
5
5
ns
tOD
Output Disable Time(19, 24)
315
3
20
325
ns
tOE
Output Enable Time(15, 16)
15
-
20
-
25
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0
0
0
ns
tRRH
Read Command Hold Time
0
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17)
8
10
15
ns
tWCR
Write Command Hold Time
40
70
100
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
8
10
15
ns
tRWL
Write Command to
RAS Lead Time(17)
14
20
25
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
14
20
25
ns
tWCS
Write Command Setup Time(14, 17, 20)
0
0
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)40
50
60
ns


Similar Part No. - IC41UV4105-100J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-50K ICSI-IC41C16100A-50K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-50T ICSI-IC41C16100A-50T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-60K ICSI-IC41C16100A-60K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-60T ICSI-IC41C16100A-60T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41UV4105-100J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
logo
List of Unclassifed Man...
HY514400B ETC1-HY514400B Datasheet
100Kb / 8P
   1Mx4, Fast Page mode
logo
Mitsubishi Electric Sem...
M5M44400AL MITSUBISHI-M5M44400AL Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
Toshiba Semiconductor
THM91000S TOSHIBA-THM91000S Datasheet
1Mb / 16P
   1,048,576 WORDSX9 BIT FAST PAGE MODE DYNAMIC RAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com