Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F112 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F112
Description  Dual J-K negative edge-triggered flip-flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F112 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F112 Datasheet HTML 2Page - NXP Semiconductors 74F112 Datasheet HTML 3Page - NXP Semiconductors 74F112 Datasheet HTML 4Page - NXP Semiconductors 74F112 Datasheet HTML 5Page - NXP Semiconductors 74F112 Datasheet HTML 6Page - NXP Semiconductors 74F112 Datasheet HTML 7Page - NXP Semiconductors 74F112 Datasheet HTML 8Page - NXP Semiconductors 74F112 Datasheet HTML 9Page - NXP Semiconductors 74F112 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74F112
Dual J-K negative edge-triggered flip-flop
February 9, 1990
7
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006


Similar Part No. - 74F112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112 FAIRCHILD-74F112 Datasheet
83Kb / 7P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112PC FAIRCHILD-74F112PC Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112PC FAIRCHILD-74F112PC Datasheet
83Kb / 7P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112SC FAIRCHILD-74F112SC Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
More results

Similar Description - 74F112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS112A PHILIPS-74ALS112A Datasheet
92Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1991 Feb 08
logo
Texas Instruments
SN74F112NSR TI1-SN74F112NSR Datasheet
627Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
logo
Mitsubishi Electric Sem...
M74LS73AP MITSUBISHI-M74LS73AP Datasheet
220Kb / 4P
   DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH RESET
logo
Texas Instruments
CD54AC112 TI1-CD54AC112_14 Datasheet
903Kb / 15P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS
logo
Fairchild Semiconductor
DM74ALS109A FAIRCHILD-DM74ALS109A Datasheet
55Kb / 6P
   Dual J-K Positive-Edge-Triggered Flip-Flop
logo
Texas Instruments
SN54LS112A TI1-SN54LS112A_15 Datasheet
1Mb / 20P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE TRIGGERED FLIP-FLOPS
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74F112 TI-SN74F112 Datasheet
73Kb / 5P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI-SN74LVC112A Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com