Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F113 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F113
Description  Dual J-K negative edge-triggered flip-flops without reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F113 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F113 Datasheet HTML 1Page - NXP Semiconductors 74F113 Datasheet HTML 2Page - NXP Semiconductors 74F113 Datasheet HTML 3Page - NXP Semiconductors 74F113 Datasheet HTML 4Page - NXP Semiconductors 74F113 Datasheet HTML 5Page - NXP Semiconductors 74F113 Datasheet HTML 6Page - NXP Semiconductors 74F113 Datasheet HTML 7Page - NXP Semiconductors 74F113 Datasheet HTML 8Page - NXP Semiconductors 74F113 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F113
Dual J-K negative edge-triggered flip-flops
without reset
1996 Mar 14
5
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
tPLH
VM
VM
CPn
VM
VM
VM
VM
VM
VM
Jn, Kn
Qn
VM
tw(H)
1/fmax
tsu(L)
th(L) = 0
VM
VM
tPLH
Qn
tw(L)
tPHL
tPHL
tsu(H)
th(H) = 0
SF00144
Kn
Jn
Jn
Kn
Waveform 1.
Propagation Delay for Data to Output, Data Setup Time and Hold Times, and Clock Width,
and Maximum Clock Frequency
VM
CPn
Qn
VM
VM
Qn
tPHL
tPLH
SDn
VM
VM
tw(L)
trec
Jn, Kn
SF00145
Waveform 2.
Propagation Delay for Set to Output, Set Pulse Width, and Recovery Time for Set to Clock


Similar Part No. - 74F113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
74F113PC FAIRCHILD-74F113PC Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
74F113SC FAIRCHILD-74F113SC Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
74F113SJ FAIRCHILD-74F113SJ Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
More results

Similar Description - 74F113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC112 TI1-CD54AC112_14 Datasheet
903Kb / 15P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS
SN54LS112A TI1-SN54LS112A_15 Datasheet
1Mb / 20P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE TRIGGERED FLIP-FLOPS
SN54H103 TI-SN54H103 Datasheet
157Kb / 3P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR
SN54LS113A TI-SN54LS113A Datasheet
259Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET
logo
Hitachi Semiconductor
HD74LS107A HITACHI-HD74LS107A Datasheet
70Kb / 6P
   Dual J-K Negative-edge-triggered Flip-Flops(with Clear)
logo
Renesas Technology Corp
HD74LS107A RENESAS-HD74LS107A Datasheet
95Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops (with Clear)
logo
Hitachi Semiconductor
HD74LS113 HITACHI-HD74LS113 Datasheet
67Kb / 6P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset)
logo
Texas Instruments
SN54ALS113A TI1-SN54ALS113A Datasheet
74Kb / 4P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET
logo
Mitsubishi Electric Sem...
M74LS73AP MITSUBISHI-M74LS73AP Datasheet
220Kb / 4P
   DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH RESET
logo
Texas Instruments
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com