Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV12816L Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IS62LV12816L
Description  128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV12816L Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IS62LV12816L Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62LV12816L Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV12816L Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV12816L Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV12816L Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV12816L Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV12816L Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV12816L Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV12816L Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Integrated Circuit Solution Inc.
3
SR020-0C
IS62LV12816L
IS62LV12816LL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
–40 to +85
°C
VCC
Vcc related to GND
–0.3 to +4.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
CAPACITANCE(1)
Symbol
Parameter
ConditionsMax.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –1 mA2.0
—
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA—
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.2
V
VIL
Input LOW Voltage
–0.2
0.4
V
ILI
Input Leakage
GND ≤ VIN ≤ VCC
–1
1
µA
ILO
Output Leakage
GND ≤ VOUT ≤ VCC, OUTPUTS DISABLED
–1
1
µA
Notes:
1. VIL(min.) = –2.0V for pulse width less than 10 ns.
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.7V - 3.6V
Industrial
–40°C to +85°C
2.7V - 3.6V


Similar Part No. - IS62LV12816L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816L-100B ISSI-IS62LV12816L-100B Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
IS62LV12816L-100BI ISSI-IS62LV12816L-100BI Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
IS62LV12816L-100T ISSI-IS62LV12816L-100T Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
IS62LV12816L-100TI ISSI-IS62LV12816L-100TI Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
IS62LV12816L-120B ISSI-IS62LV12816L-120B Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
More results

Similar Description - IS62LV12816L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M16B TMT-T15V2M16B Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com