Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV2568LL-55B Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IS62LV2568LL-55B
Description  256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV2568LL-55B Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IS62LV2568LL-55B Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV2568LL-55B Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV2568LL-55B Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV2568LL-55B Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV2568LL-55B Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV2568LL-55B Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV2568LL-55B Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV2568LL-55B Datasheet HTML 9Page - Integrated Circuit Solution Inc IS62LV2568LL-55B Datasheet HTML 10Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Integrated Circuit Solution Inc.
7
SR025_0C
IS62LV2568L
IS62LV2568LL
-55
-70
-100
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max
Unit
tWC
Write Cycle Time
55
—
70
—
100
—
ns
tSCE1
CE1 to Write End
45
—
65
—
80
—
ns
tSCE2
CE2 to Write End
45
—
65
—
80
—
ns
tAW
Address Setup Time to Write End
45
—
65
—
80
—
ns
tHA
Address Hold from Write End
0
—
0
—
0
—
ns
tSA
Address Setup Time
0
—
0
—
0
—
ns
tPWE(4) WE Pulse Width
50
—
55
—
70
—
ns
tSD
Data Setup to Write End
25
—
30
—
40
—
ns
tHD
Data Hold from Write End
0
—
0
—
0
—
ns
tHZWE(3) WE LOW to High-Z Output
—
25
—
25
—
30
ns
tLZWE(3) WE HIGH to Low-Z Output
5
—
5
—
5
—
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0.4V to
2.2V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of CE1 LOW, CE2 HIGH and WE LOW. All signals must be in valid states
to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced
to the rising or falling edge of the signal that terminates the Write.
4. Tested with OE HIGH.
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range, Standard and Low Power)
DATA-IN VALID
DATA UNDEFINED
tWC
tSCE1
tSCE2
tAW
tHA
tPWE(4)
tHZWE
HIGH-Z
tLZWE
tSA
tSD
tHD
ADDRESS
CE1
CE2
WE
DOUT
DIN
AC WAVEFORMS
WRITE CYCLE NO. 1 (WE Controlled)(1,2)


Similar Part No. - IS62LV2568LL-55B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL-70B ISSI-IS62LV2568LL-70B Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70BI ISSI-IS62LV2568LL-70BI Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70H ISSI-IS62LV2568LL-70H Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70HI ISSI-IS62LV2568LL-70HI Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70T ISSI-IS62LV2568LL-70T Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results

Similar Description - IS62LV2568LL-55B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Samsung semiconductor
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
logo
Taiwan Memory Technolog...
T15V4M16A TMT-T15V4M16A Datasheet
90Kb / 12P
   256K X 16 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com