Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2030Y-100 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2030Y-100
Description  Single-Piece 256kb Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2030Y-100 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2030Y-100 Datasheet HTML 1Page - Maxim Integrated Products DS2030Y-100 Datasheet HTML 2Page - Maxim Integrated Products DS2030Y-100 Datasheet HTML 3Page - Maxim Integrated Products DS2030Y-100 Datasheet HTML 4Page - Maxim Integrated Products DS2030Y-100 Datasheet HTML 5Page - Maxim Integrated Products DS2030Y-100 Datasheet HTML 6Page - Maxim Integrated Products DS2030Y-100 Datasheet HTML 7Page - Maxim Integrated Products DS2030Y-100 Datasheet HTML 8Page - Maxim Integrated Products DS2030Y-100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS2030Y/AB Single-Piece 256kb
Nonvolatile SRAM
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40
°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on Any Pin Relative to Ground .................-0.3V to +6.0V
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range ...............................-40°C to +85°C
Soldering Temperature...................See IPC/JEDEC J-STD-020C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS2030AB
4.75
5.25
Supply Voltage
VCC
DS2030Y
4.50
5.50
V
Input Logic 1
VIH
2.2
VCC
V
Input Logic 0
VIL
0
0.8
V
CAPACITANCE
(TA = +25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
Not tested
7
pF
Input/Output Capacitance
COUT
Not tested
7
pF
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5% for DS2030AB, VCC = 5V ±10% for DS2030Y, TA = -40
°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current
IIO
CE = VCC
-1.0
+1.0
µA
Output-Current High
IOH
At 2.4V
-1.0
mA
Output-Current Low
IOL
At 0.4V
2.0
mA
Output-Current Low RST
IOL RST
At 0.4V (Note 1)
10.0
mA
ICCS1
CE = 2.2V
0.5
7
Standby Current
ICCS2
CE = VCC - 0.5V
0.2
5
mA
Operating Current
ICCO1
tRC = 200ns, outputs open
85
mA
DS2030AB
4.50
4.62
4.75
Write Protection Voltage
VTP
DS2030Y
4.25
4.37
4.50
V


Similar Part No. - DS2030Y-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030L-100# MAXIM-DS2030L-100# Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
DS2030W-100 MAXIM-DS2030W-100 Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
More results

Similar Description - DS2030Y-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS3030W MAXIM-DS3030W Datasheet
282Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
Rev 2; 10/06
logo
Dallas Semiconductor
DS3030W DALLAS-DS3030W Datasheet
549Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
DS2045Y DALLAS-DS2045Y Datasheet
428Kb / 12P
   Single-Piece 1Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
   3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
DS2045L MAXIM-DS2045L Datasheet
180Kb / 12P
   DS2045L 3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 3; 10/06
DS2045AB MAXIM-DS2045AB Datasheet
222Kb / 12P
   DS2045Y/AB Single-Piece 1Mb Nonvolatile SRAM
Rev 4; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com