Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C128A-2PI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS24C128A-2PI
Description  128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C128A-2PI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS24C128A-2PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
ADVANCEDINFORMATION
Rev. 00B
06/27/06
ISSI®
IS24C128A
IS24C256A
AC ELECTRICAL CHARACTERISTICS
Automotive (TA = -40oC to +125oC)
2.5V
≤≤≤≤≤Vcc<4.5V
4.5V
≤≤≤≤≤ Vcc ≤≤≤≤≤ 5.5V(1)
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fSCL
SCL Clock Frequency
0
400
0
1000
KHz
T
Noise Suppression Time(1)
—50
50
ns
tLow
Clock Low Period
1.2
0.6
µs
tHigh
Clock High Period
0.6
0.4
µs
tBUF
Bus Free Time Before New Transmission(1)
1.2
0.5
µs
tSU:STA
Start Condition Setup Time
0.6
0.25
µs
tSU:STO
Stop Condition Setup Time
0.6
0.25
µs
tHD:STA
Start Condition Hold Time
0.6
0.25
µs
tHD:STO
Stop Condition Hold Time
0.6
0.25
µs
tSU:DAT
Data In Setup Time
100
100
ns
tHD:DAT
Data In Hold Time
0
0
ns
tSU:WP
WP pin Setup Time
0.6
0.6
µs
tHD:WP
WP pin Hold Time
1.2
1.2
µs
tDH
Data Out Hold Time (SCL Low to SDA Data Out Change)
50
50
ns
tAA
Clock to Output (SCL Low to SDA Data Out Valid)
50
900
50
550
ns
tR
SCL and SDA Rise Time(1)
300
300
ns
tF
SCL and SDA Fall Time(1)
300
100
ns
tWR
Write Cycle Time
10
5
ms
Note:
1. This parameter is characterized but not 100% tested.


Similar Part No. - IS24C128A-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-2 ISSI-IS24C128-2 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3 ISSI-IS24C128-3 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3G ISSI-IS24C128-3G Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3GI ISSI-IS24C128-3GI Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C128A-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com