Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C02B-2ZI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS24C02B-2ZI
Description  1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C02B-2ZI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS24C02B-2ZI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C02B-2ZI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C02B-2ZI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C02B-2ZI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C02B-2ZI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C02B-2ZI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C02B-2ZI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C02B-2ZI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C02B-2ZI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
04/12/06
IS24C01B
IS24C02B
ISSI®
DEVICE OPERATION
IS24C01B/02B features serial communication and supports
a bi-directional 2-wire bus transmission protocol called I2CTM.
2-WIRE BUS
The two-wire bus is defined as a Serial Data line (SDA), and
a Serial Clock line (SCL). The protocol defines any device that
sends data onto the SDA bus as a transmitter, and the
receiving devices as receivers. The bus is controlled by
Master device that generates the SCL, controls the bus
access, and generates the Stop and Start conditions. The
IS24C01B/02B is the Slave device on the bus.
The Bus Protocol:
– Data transfer may be initiated only when the bus is not busy
– During a data transfer, the SDA line must remain stable
whenever the SCL line is high. Any changes in the SDA
line while the SCL line is high will be interpreted as a Start
or Stop condition.
The state of the SDA line represents valid data after a Start
condition. The SDA line must be stable for the duration of the
High period of the clock signal. The data on the SDA line may
be changed during the Low period of the clock signal. There
is one clock pulse per bit of data. Each data transfer is
initiated with a Start condition and terminated with a Stop
condition.
Start Condition
The Start condition precedes all commands to the device and
is defined as a High to Low transition of SDA when SCL is High.
The EEPROM monitors the SDA and SCL lines and will not
respond until the Start condition is met.
Stop Condition
The Stop condition is defined as a Low to High transition
of SDA when SCL is High. All operations must end with
a Stop condition.
Acknowledge (ACK)
After a successful data transfer, each receiving device is
required to generate an ACK. The Acknowledging device
pulls down the SDA line.
Reset
The IS24C01B/02B contains a reset function in case
the 2-wire bus transmission is accidentally interrupted
(eg. a power loss), or needs to be terminated mid-
stream. The reset is caused when the Master device
creates a Start condition. To do this, it may be
necessary for the Master device to monitor the SDA
line while cycling the SCL up to nine times. (For each
clock signal transition to High, the Master checks for a
High level on SDA.)
Standby Mode
Power consumption is reduced in standby mode. The
IS24C01B/02B will enter standby mode: a) At Power-up,
and remain in it until SCL or SDA toggles; b) Following
the Stop signal if a no write operation is initiated; or c)
Following any internal write operation.


Similar Part No. - IS24C02B-2ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C02 ISSI-IS24C02 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02-2 ISSI-IS24C02-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02-2G ISSI-IS24C02-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02-2G ISSI-IS24C02-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02-2GI ISSI-IS24C02-2GI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C02B-2ZI

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com