Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C64A Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25C64A
Description  32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C64A Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25C64A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C64A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C64A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C64A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C64A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C64A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C64A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C64A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C64A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Preliminary Information
Rev. 00E
02/07/06
IS25C32A
IS25C64A
ISSI®
Write Protect (
WP
WP
WP
WP
WP): The purpose of this input signal is
to initiate Hardware Write Protection mode. This mode
prevents the Block Protection bits and the WPEN bit in
the Status Register from being altered. To cause
Hardware Write Protection,
WP must be Low at the same
time WPEN is 1.
WP may be hardwired to Vcc or GND.
HOLD (
HOLD
HOLD
HOLD
HOLD
HOLD): This input signal is used to suspend the
device in the middle of a serial sequence and temporarily
ignore further communication on the bus (SI, SO, SCK).
Together with Chip Select, the
HOLD signal allows
multiple slaves to share the bus. The
HOLD signal
transitions must occur only when SCK is Low, and be
held stable during SCK transitions. (See Figure 8 for
Hold timing) To disable this feature,
HOLD may be
hardwired to Vcc.
PIN DESCRIPTIONS
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power
WP
Write Protect
HOLD
Suspends Serial Input
PIN DESCRIPTIONS
Serial Clock (SCK): This timing signal provides syn-
chronization between the microcontroller and IS25C32A/
64A. Op-Codes, byte addresses, and data are latched
on SI with a rising edge of the SCK. Data on SO is
refreshed on the falling edge of SCK for SPI modes (0,0)
and (1,1).
Serial Data Input (SI): This is the input pin for all data
that the IS25C32A/64A is required to receive.
Serial Data Output (SO): This is the output pin for all
data transmitted from the IS25C32A/64A.
PIN CONFIGURATION
8-Pin DIP, SOIC, and TSSOP
Chip Select (
CS
CS
CS
CS
CS): The CS pin activates the device.
Upon power-up,
CS should follow Vcc. When the device
is to be enabled for instruction input, the signal requires
a High-to-Low transition. While
CS is stable Low, the
master and slave will communicate via SCK, SI, and SO
signals. Upon completion of communication,
CS must
be driven High. At this moment, the slave device may
start its internal write cycle. When
CS is high, the
device enters a power-saving standby mode, unless an
internal write operation is underway. During this mode,
the SO pin becomes high impedance.
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI


Similar Part No. - IS25C64A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C64A ISSI-IS25C64A Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C64A-2GI ISSI-IS25C64A-2GI Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C64A-2GLI ISSI-IS25C64A-2GLI Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C64A-2PI ISSI-IS25C64A-2PI Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C64A-2PLI ISSI-IS25C64A-2PLI Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C64A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com