Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C04-2PLI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25C04-2PLI
Description  2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C04-2PLI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25C04-2PLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C04-2PLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C04-2PLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C04-2PLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C04-2PLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C04-2PLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C04-2PLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C04-2PLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C04-2PLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Preliminary Information
Rev. 00F
12/22/05
IS25C02
IS25C04
ISSI®
WRITE ENABLE (WREN)
When Vcc is initially applied, the device powers up with
both status register and entire array in a write-disabled
state. Upon completion of Write Disable (WRDI), Write
Status Register (WRSR), or Write Data to Array
(WRITE), the device resets the WEN bit in the Status
Register to 0. Prior to any data modification, a WREN
instruction is necessary to set WEN to 1. (See Figure 2
for timing).
WRITE DISABLE (WRDI)
The device can be completely protected from modifica-
tion by resetting WEN to 0 through the WRDI instruc-
tion. (See Figure 3 for timing).
READ STATUS REGISTER (RDSR)
The Read Status instruction indicates the status of the
Block Protection setting (see Table 2), the Write Enable
state, and the
RDY status. RDSR is the only instruc-
tion accepted when a write cycle is underway. It is
recommended that the status of
RDY be checked,
especially prior to an attempted modification of data.
The 8 bits of the Status Register can be repeatedly
output on SO after the initial Op-code. (See Figure 4 for
timing).
Table 3. Instruction Set
Name
Op-code
Operation
Address
Data(SI)
Data (SO)
WREN
0000 X110
Set Write Enable Latch
-
--
WRDI
0000 X100
Reset Write Enable Latch
-
-
-
RDSR
0000 X101
Read Status Register
-
-
D7-D0,...
WRSR
0000 X001
Write Status Register
-
D7-D0
-
READ
0000 A8011
Read Data from Array
A7-A0
-D7-D0,...
WRITE 0000 A8010
Write Data to Array
A7-A0
D7-D0,...
-
DEVICE OPERATION
The operations of the IS25C02/04 are controlled by a set of instructions that are clocked-in serially SI pin. (See Table
3). To begin an instruction, the chip select (
CS) should be dropped Low. Subsequently, each Low-to-High transition of
the clock (SK) will latch a stable value on the SI pin. After the 8-bit op-code, it may be appropriate to continue to input
an address or data to SI, or to output data from SO. During data output, values appear on the falling edge of SK. All
bits are transferred with MSB first. Upon the last bit of communication, but prior to any following Low-to-High transition
of SK,
CS should be raised High to end the transaction. The device then would enter Standby Mode if no internal
programming were underway.
1. X = Don’t care bit. For consistency, it is best to use “0”.
2. Some address bits are don’t care. See Table 5.
3. If the bits clocked-in for an op-code are invalid, SO remains high impedance, and upon CS going High there is no
affect. A valid op-code with an invalid number of bits clocked-in for address or data will cause an attempt to modify the
array or Status Register to be ignored.


Similar Part No. - IS25C04-2PLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2GI ISSI-IS25C01-2GI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2GLI ISSI-IS25C01-2GLI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2PI ISSI-IS25C01-2PI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2PLI ISSI-IS25C01-2PLI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C04-2PLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56A ISSI-IS93C56A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com