Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS34C02B-2ZLI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS34C02B-2ZLI
Description  2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS34C02B-2ZLI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS34C02B-2ZLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS34C02B-2ZLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS34C02B-2ZLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS34C02B-2ZLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS34C02B-2ZLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS34C02B-2ZLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS34C02B-2ZLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS34C02B-2ZLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS34C02B-2ZLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
ADVANCED INFORMATION
Rev. 00D
03/21/06
IS34C02B
ISSI®
Figure 5. Command Configuration
Figure 4. Data Validity Protocol
SCL
SDA
Data Stable
Data Stable
Data Change
Figure 6. Byte Write
SDA
Bus
Activity
S
T
A
R
T
M
S
B
L
S
B
M
S
B
W
R
I
T
E
S
T
O
P
R/
W
A
C
K
A
C
K
A
C
K
Data
Device
Address
Word Address
***
* Acknowledges provided by the slave regardless of hardware or software Write Protection.
7
BIT
43
1
2
5
60
R/
W
A0
A1
A2
0
1
0
1
Normal
Instruction2
R/
W
A0
A1
A2
0
1
01
Permanent Write
Protection Instruction2
Pin Connection1
Slave Device Address
A2
A2
A1
A0
A2
A1
A0
0
1
0
0
0
1
01
Set Write Protection
(SWP)
GND GND
VHV
0
1
1
0
0
1
01
Clear Write Protection
(CWP)
GND
Vcc
VHV
1
1
0
0
0
1
01
Read SWP
GND GND
VHV
1
1
1
0
0
1
01
Read CWP
GND
Vcc
VHV
A1
A0
Note:
1. A2-A0 input pin connections must be GND (or floating), Vcc, or VHV.
2. Bits 1, 2, and 3 of the device address will be compared with the values on the external pins.


Similar Part No. - IS34C02B-2ZLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS34C02 ISSI-IS34C02 Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2GI ISSI-IS34C02-2GI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2GLI ISSI-IS34C02-2GLI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2SI ISSI-IS34C02-2SI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2SLI ISSI-IS34C02-2SLI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results

Similar Description - IS34C02B-2ZLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02 ISSI-IS34C02 Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02_0511 ISSI-IS34C02_0511 Datasheet
137Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
   Permanent and Reversible Software Write Protection
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com