Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C16-3ZLA3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS25C16-3ZLA3
Description  8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C16-3ZLA3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS25C16-3ZLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C16-3ZLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Preliminary Information
Rev. 00H
02/23/06
IS25C08
IS25C16
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
8K-BIT/16K-BIT SPI SERIAL
ELECTRICALLY ERASABLE PROM
FEATURES
• Serial Peripheral Interface (SPI) Compatible
— Supports SPI Modes 0 (0,0) and 3 (1,1)
• Wide-voltage Operation
— Vcc = 1.8V to 5.5V
• Low power CMOS
— Active current less than 3.0 mA (2.5V)
— Standby current less than 2.0 µA (2.5V)
• Block Write Protection
— Protect 1/4, 1/2, or Entire Array
• 16 byte page write mode
— Partial page writes allowed
• 10 MHz Clock Rate (5V)
• Self timed write cycles (5 ms Typical)
• High-reliability
— Endurance: 1 million cycles per byte
— Data retention: 100 years
• Industrial and Automotive temperature ranges
• 8-pin PDIP, 8-pin SOIC, 8-pin TSSOP, and chip scale
packages are available
• Lead-free available
Preliminary Information
APRIL 2006
The IS25C08 and IS25C16 are electrically erasable
PROM devices that use the Serial Peripheral Interface
(SPI) for communications. The IS25C08 is 8Kbit
(1024x 8) and the IS25C16 is 16Kbit (2048 x 8). The
IS25C08/16 EEPROMs are offered in a wide operating
voltage range of 1.8V to 5.5V compatible with most
application voltages. ISSI designed the IS25C08/16 to
be an efficient SPI EEPROM solution. The devices are
packaged in 8-pin PDIP, 8-pin SOIC, 8-pin TSSOP, and
8-ball CSP.
The functional features of the IS25C08/16 allow them to
be among the most advanced serial non-volatile memo-
ries available. Each device has a Chip-Select (
CS) pin,
and a 3-wire interface of Serial Data In (SI), Serial Data
Out (SO), and Serial Clock (SCK). While the 3-wire
interface of the IS25C08/16 provides for high-speed
access, a
HOLD pin allows the memories to ignore the
interface in a suspended state; later the
HOLD pin re-
activates communication without re-initializing the serial
sequence. A Status Register facilitates a flexible write
protection mechanism, and a device-ready bit (
RDY).
DESCRIPTION


Similar Part No. - IS25C16-3ZLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C16-3ZLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com