Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV44002B-50JI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS41LV44002B-50JI
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV44002B-50JI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS41LV44002B-50JI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV44002B-50JI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV44002B-50JI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV44002B-50JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV44002B-50JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV44002B-50JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV44002B-50JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV44002B-50JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV44002B-50JI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. A
07/05/06
IS41LV44002B
ISSI®
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol
Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ VDD
–5
5
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–5
5
µA
0V
≤ VOUT ≤ VDD
VOH
Output High Voltage Level
IOH = –2.0 mA, VDD = 3.3V
2.4
V
VOL
Output Low Voltage Level
IOL = 2 mA, VDD = 3.3V
0.4
V
ICC1
Standby Current: TTL
RAS, CAS
≥ VIH
—2
mA
ICC2
Standby Current: CMOS
RAS, CAS
≥ VDD – 0.2V
0.5
mA
ICC3
Operating Current:
RAS, CAS,
-50
120
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
Average Power Supply Current
ICC4
Operating Current:
RAS = VIL, CAS,
-50
90
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
Average Power Supply Current
ICC5
Refresh Current:
RAS Cycling, CAS
≥ VIH
-50
120
mA
RAS-Only(2,3)
tRC = tRC (min.)
Average Power Supply Current
ICC6
Refresh Current:
RAS, CAS Cycling
-50
120
mA
CBR(2,3,5)
tRC = tRC (min.)
Average Power Supply Current
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IS41LV44002B-50JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV44002 ICSI-IS41LV44002 Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV44002 ISSI-IS41LV44002 Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-50J ISSI-IS41LV44002-50J Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-50JI ISSI-IS41LV44002-50JI Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-60J ISSI-IS41LV44002-60J Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV44002B-50JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com