Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16400C1-6TLI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS42S16400C1-6TLI
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16400C1-6TLI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS42S16400C1-6TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16400C1-6TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16400C1-6TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16400C1-6TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16400C1-6TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16400C1-6TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16400C1-6TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16400C1-6TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16400C1-6TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
IS42S16400C1
ISSI®
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. E
10/25/05
NOTE:
1. This table applies when CKE n-1 was HIGH and CKE n is HIGH (see Truth Table - CKE) and after tXSR has been met (if the
previous state was SELF REFRESH).
2. This table is bank-specific, except where noted; i.e., the current state is for a specific bank and the commands shown are those
allowed to be issued to that bank when in that state. Exceptions are covered in the notes below.
3. Current state definitions:
Idle: The bank has been precharged, and tRP has been met.
Row Active: A row in the bank has been activated, and tRCD has been met. No data bursts/accesses and no register
accesses are in progress.
Read: A READ burst has been initiated, with auto precharge disabled, and has not yet terminated or been terminated.
Write: A WRITE burst has been initiated, with auto precharge disabled, and has not yet terminated or been terminated.
4. The following states must not be interrupted by a command issued to the same bank. COMMAND INHIBIT or NOP commands, or
allowable commands to the other bank should be issued on any clock edge occurring during these states. Allowable commands to
the other bank are determined by its current state and CURRENT STATE BANK n truth tables.
Precharging: Starts with registration of a PRECHARGE command and ends when tRP is met. Once tRP is met, the bank
will be in the idle state.
Row Activating: Starts with registration of an ACTIVE command and ends when tRCD is met. Once tRCD is met, the bank will
be in the row active state.
Read w/Auto
Precharge Enabled: Starts with registration of a READ command with auto precharge enabled and ends when tRP has been met.
Once tRP is met, the bank will be in the idle state.
Write w/Auto
Precharge Enabled: Starts with registration of a WRITE command with auto precharge enabled and ends when tRP has been met.
Once tRP is met, the bank will be in the idle state.
5. The following states must not be interrupted by any executable command; COMMAND INHIBIT or NOP commands must be
applied on each positive clock edge during these states.
Refreshing: Starts with registration of an AUTO REFRESH command and ends when tRC is met. Once tRC is met, the
SDRAM will be in the all banks idle state.
Accessing Mode
Register: Starts with registration of a LOAD MODE REGISTER command and ends when tMRD has been met. Once
tMRD is met, the SDRAM will be in the all banks idle state.
Precharging All: Starts with registration of a PRECHARGE ALL command and ends when tRP is met. Once tRP is met, all
banks will be in the idle state.
6. All states and sequences not shown are illegal or reserved.
7. Not bank-specific; requires that all banks are idle.
8. May or may not be bank-specific; if all banks are to be precharged, all must be in a valid state for precharging.
9. Not bank-specific; BURST TERMINATE affects the most recent READ or WRITE burst, regardless of bank.
10. READs or WRITEs listed in the Command (Action) column include READs or WRITEs with auto precharge enabled and READs
or WRITEs with auto precharge disabled.
11. Does not affect the state of the bank and acts as a NOP to that bank.


Similar Part No. - IS42S16400C1-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS42S16400 ICSI-IS42S16400 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10T ISSI-IS42S16400-10T Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10TI ISSI-IS42S16400-10TI Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400C1-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com