Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16400D-6TLI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS42S16400D-6TLI
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16400D-6TLI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS42S16400D-6TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16400D-6TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16400D-6TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16400D-6TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16400D-6TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16400D-6TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16400D-6TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16400D-6TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16400D-6TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
IS42S16400D
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. C
07/05/06
PIN CONFIGURATION
PACKAGE CODE: B 60 BALL FBGA (Top View) (10.1 mm x 6.4 mm Body, 0.65 mm Ball Pitch)
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
VSS
DQ14
DQ13
DQ12
DQ10
DQ9
DQ8
NC
NC
NC
CKE
A11
A8
A6
VSS
DQ15
VSSQ
VDDQ
DQ11
VSSQ
VDDQ
NC
NC
UDQM
CLK
NC
A9
A7
A5
A4
DQ0
VDDQ
VSSQ
DQ4
VDDQ
VSSQ
NC
NC
LDQM
RAS
NC
BA1
A0
A2
A3
VDD
DQ1
DQ2
DQ3
DQ5
DQ6
DQ7
NC
WE
CAS
CS
BA0
A10
A1
VDD
PIN DESCRIPTIONS
A0-A11
Row Address Input
A0-A7
Column Address Input
BA0, BA1
Bank Select Addresses
DQ0 to DQ15
Data I/O
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
LDQM, UDQM
x16 Input/Output Mask
VDD
Power
Vss
Ground
VDDQ
Power Supply for I/O Pin
VssQ
Ground for I/O Pin
NC
No Connection


Similar Part No. - IS42S16400D-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS42S16400 ICSI-IS42S16400 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10T ISSI-IS42S16400-10T Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10TI ISSI-IS42S16400-10TI Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400D-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com