Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C16A-3PI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS24C16A-3PI
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C16A-3PI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS24C16A-3PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C16A-3PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C16A-3PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C16A-3PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C16A-3PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C16A-3PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C16A-3PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C16A-3PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C16A-3PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. F
01/09/06
IS24C02A
IS24C04A
IS24C08A
IS24C16A
ISSI®
PIN DESCRIPTIONS
A0-A2
Address Inputs
SDA
Serial Address/Data I/O
SCL
Serial Clock Input
WP
Write Protect Input
Vcc
Power Supply
GND
Ground
SCL
This input clock pin is used to synchronize the data
transfer to and from the device.
SDA
TheSDAisaBi-directionalpinusedtotransferaddressesanddata
intoandoutofthedevice. TheSDApinisanopendrainoutputand
can be wire-Or'ed with other open drain or open collector
outputs. The SDA bus
requires a pullup resistor to Vcc.
A0, A1, A2
The A0, A1 and A2 are the device address inputs. The
IS24C02A uses the A0, A1, and A2 for hardware addressing
and a total of 8 devices may be used on a single bus system.
When the A0, A1, or A2 inputs are left floating, the input
internally defaults to zero.
PIN CONFIGURATION
8-Pin DIP, SOIC, DFN, TSSOP, MSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
The IS24C04A uses A1 and A2 pins for hardwire addressing
and a total of four devices may be addressed on a single bus
system. The A0 pin is a no connect in the IS24C04A. When
the A1 or A2 input is left floating, the input internally defaults
to zero.
The IS24C08A only uses the A2 input for hardwire addressing
and a total of two devices may be addressed on a single bus
system. The A0 and A1 pins are no connects in the
IS24C08A. When the A2 input is left floating, the input
internally defaults to zero.
These pins are not used by IS24C16A . The A0, A1, and A2 pins
are no connects in the IS24C16A.
WP
WP is the Write Protect pin. If the WP pin is tied to VCC on
the IS24C02A, IS24C04A, IS24C08A and IS24C016A, the
entire array becomes Write Protected (Read only). When WP
is tied to GND or left floating normal read/write operations are
allowed to the device.
PIN CONFIGURATION
8-pad DFN
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
(Top View)


Similar Part No. - IS24C16A-3PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2 ISSI-IS24C16-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C16A-3PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com