Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C04A-3P Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS24C04A-3P
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C04A-3P Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS24C04A-3P Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C04A-3P Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C04A-3P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C04A-3P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C04A-3P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C04A-3P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C04A-3P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C04A-3P Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C04A-3P Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
01/09/06
IS24C02A
IS24C04A
IS24C08A
IS24C16A
ISSI®
READ OPERATION
Read operations are initiated in the same manner as Write
operations, except that the (R/
W) bit of the Slave address is
set to “1”. There are three Read operation options: current
address read, random address read and sequential read.
Current Address Read
The IS24C02A/04A/08A/16A contains an internal address
counter which maintains the address of the last byte accessed,
incremented by one. For example, if the previous operation is
either a Read or Write operation addressed to the address
location n, the internal address counter would increment to
address location n+1. When the EEPROM receives the
Slave Addressing Byte with a Read operation (R/
W bit set to
“1”), it will respond an ACK and transmit the 8-bit data byte
stored at address location n+1. The Master should not
acknowledge the transfer but should generate a Stop condition
so the IS24C02A/04A/08A/16A discontinues transmission. If
'n' is the last byte of the memory, the data from location '0' will
be transmitted. (Refer to Figure 8. Current Address Read
Diagram.)
Random Address Read
Selective Read operations allow the Master device to
select at random any memory location for a Read
operation. The Master device first performs a 'dummy'
Write operation by sending the Start condition, Slave
address and byte address of the location it wishes to
read. After the IS24C02A/04A/08A/16A acknowledges
the byte address, the Master device resends the Start
condition and the Slave address, this time with the R/
W
bit set to one. The EEPROM then responds with its ACK
and sends the data requested. The Master device does
not send an ACK but will generate a Stop condition. (Refer
to Figure 9. Random Address Read Diagram.)
Sequential Read
Sequential Reads can be initiated as either a Current
Address Read or Random Address Read. After the
IS24C02A/04A/08A/16A sends the initial byte sequence,
the Master device now responds with an ACK indicating
it requires additional data from the IS24C02A/04A/08A/
16A. The EEPROM continues to output data for each
ACK received. The Master device terminates the
sequential Read operation by pulling SDA High (no ACK)
indicating the last data word to be read, followed by a Stop
condition.
The data output is sequential, with the data from address
n followed by the data from address n+1,n+2 ... etc. The
address counter increments by one automatically, allowing
the entire memory contents to be serially read during
sequential Read operation. When the memory address
boundary of 255, 511, 1023, or 2047 (depending on the
device) is reached, the address counter “rolls over” to
address 0, and the device continues to output data.
(Refer to Figure 10. Sequential Read Diagram).


Similar Part No. - IS24C04A-3P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C04 ISSI-IS24C04 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C04-2 ISSI-IS24C04-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C04-2G ISSI-IS24C04-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C04-2G ISSI-IS24C04-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C04-2GI ISSI-IS24C04-2GI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C04A-3P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com