Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42VS16400C1-12TI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS42VS16400C1-12TI
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS16400C1-12TI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS42VS16400C1-12TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VS16400C1-12TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS16400C1-12TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS16400C1-12TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS16400C1-12TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VS16400C1-12TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VS16400C1-12TI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42VS16400C1-12TI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42VS16400C1-12TI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
IS42VS16400C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
Rev. A
10/06/05
TRUTH TABLE – CURRENT STATE BANK
n, COMMAND TO BANK m (1-6)
CURRENT STATE
COMMAND (ACTION)
CS RAS CAS WE
Any
COMMAND INHIBIT (NOP/Continue previous operation)
H
X
X
X
NO OPERATION (NOP/Continue previous operation)
L
H
H
H
Idle
Any Command Otherwise Allowed to Bank
m
XX
XX
Row
ACTIVE (Select and activate row)
L
L
H
H
Activating,
READ (Select column and start READ burst)(7)
LH
LH
Active, or
WRITE (Select column and start WRITE burst)(7)
LH
L
L
Precharging
PRECHARGE
L
L
H
L
Read
ACTIVE (Select and activate row)
L
L
H
H
(Auto
READ (Select column and start new READ burst)(7,10)
LH
LH
Precharge
WRITE (Select column and start WRITE burst)(7,11)
LH
L
L
Disabled)
PRECHARGE(9)
LL
H
L
Write
ACTIVE (Select and activate row)
L
L
H
H
(Auto
READ (Select column and start READ burst)(7,12)
LH
LH
Precharge
WRITE (Select column and start new WRITE burst)(7,13)
LH
L
L
Disabled)
PRECHARGE(9)
LL
H
L
Read
ACTIVE (Select and activate row)
L
L
H
H
(With Auto
READ (Select column and start new READ burst)(7,8,14)
LH
LH
Precharge)
WRITE (Select column and start WRITE burst)(7,8,15)
LH
L
L
PRECHARGE(9)
LL
H
L
Write
ACTIVE (Select and activate row)
L
L
H
H
(With Auto
READ (Select column and start READ burst)(7,8,16)
LH
LH
Precharge)
WRITE (Select column and start new WRITE burst)(7,8,17)
LH
L
L
PRECHARGE(9)
LL
H
L
NOTE:
1. This table applies when CKE n-1 was HIGH and CKE n is HIGH (Truth Table - CKE) and after tXSR has been met (if the previous
state was self refresh).
2. This table describes alternate bank operation, except where noted; i.e., the current state is for bank
n and the commands shown
are those allowed to be issued to bank
m (assuming that bank m is in such a state that the given command is allowable). Exceptions are
covered in the notes below.
3. Current state definitions:
Idle: The bank has been precharged, and tRP has been met.
Row Active: A row in the bank has been activated, and tRCD has been met. No data bursts/accesses and no register
accesses are in progress.
Read: A READ burst has been initiated, with auto precharge disabled, and has not yet terminated or been terminated.
Write: A WRITE burst has been initiated, with auto precharge disabled, and has not yet terminated or been terminated.
Read w/Auto
Precharge Enabled: Starts with registration of a READ command with auto precharge enabled, and ends when tRP has been met.
Once tRP is met, the bank will be in the idle state.
Write w/Auto
Precharge Enabled: Starts with registration of a WRITE command with auto precharge enabled, and ends when tRP has been
met. Once tRP is met, the bank will be in the idle state.
4. AUTO REFRESH, SELF REFRESH and LOAD MODE REGISTER commands may only be issued when all banks are idle.
5. A BURST TERMINATE command cannot be issued to another bank; it applies to the bank represented by the current state only.
6. All states and sequences not shown are illegal or reserved.


Similar Part No. - IS42VS16400C1-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16400E ISSI-IS42VS16400E Datasheet
945Kb / 58P
   Random column address every clock cycle
IS42VS16400E-75BL ISSI-IS42VS16400E-75BL Datasheet
945Kb / 58P
   Random column address every clock cycle
IS42VS16400E-75BLI ISSI-IS42VS16400E-75BLI Datasheet
945Kb / 58P
   Random column address every clock cycle
IS42VS16400E-75TL ISSI-IS42VS16400E-75TL Datasheet
945Kb / 58P
   Random column address every clock cycle
IS42VS16400E-75TLI ISSI-IS42VS16400E-75TLI Datasheet
945Kb / 58P
   Random column address every clock cycle
More results

Similar Description - IS42VS16400C1-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com