Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C16A-3P Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS24C16A-3P
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C16A-3P Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS24C16A-3P Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C16A-3P Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C16A-3P Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C16A-3P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C16A-3P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C16A-3P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C16A-3P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C16A-3P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C16A-3P Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
01/09/06
IS24C02A
IS24C04A
IS24C08A
IS24C16A
ISSI®
DEVICE OPERATION
IS24C02A/04A/08A/16A features serial communication and
supports a bi-directional 2-wire bus transmission protocol
called I2CTM.
2-WIRE BUS
The two-wire bus is defined as a Serial Data line (SDA), and
a Serial Clock line (SCL). The protocol defines any device that
sends data onto the SDA bus as a transmitter, and the
receiving devices as receivers. The bus is controlled by
Master device that generates the SCL, controls the bus
access, and generates the Stop and Start conditions. The
IS24C02A/04A/08A/16A is the Slave device on the bus.
The Bus Protocol:
– Data transfer may be initiated only when the bus is not busy
– During a data transfer, the SDA line must remain stable
whenever the SCL line is high. Any changes in the SDA
line while the SCL line is high will be interpreted as a Start
or Stop condition.
The state of the SDA line represents valid data after a Start
condition. The SDA line must be stable for the duration of the
High period of the clock signal. The data on the SDA line may
be changed during the Low period of the clock signal. There
is one clock pulse per bit of data. Each data transfer is
initiated with a Start condition and terminated with a Stop
condition.
Start Condition
The Start condition precedes all commands to the device and
is defined as a High to Low transition of SDA when SCL is High.
The EEPROM monitors the SDA and SCL lines and will
not respond until the Start condition is met.
Stop Condition
The Stop condition is defined as a Low to High transition
of SDA when SCL is High. All operations must end with
a Stop condition.
Acknowledge (ACK)
After a successful data transfer, each receiving device is
required to generate an ACK. The Acknowledging device
pulls down the SDA line.
Reset
The IS24C02A/04A/08A/16A contains a reset function
in case the 2-wire bus transmission is accidentally
interrupted (eg. a power loss), or needs to be
terminated mid-stream. The reset is caused when the
Master device creates a Start condition. To do this, it
may be necessary for the Master device to monitor the
SDA line while cycling the SCL up to nine times. (For
each clock signal transition to High, the Master checks
for a High level on SDA.)
Standby Mode
Power consumption is reduced in standby mode. The
IS24C02A/04A/08A/16A will enter standby mode: a) At
Power-up, and remain in it until SCL or SDA toggles; b)
Following the Stop signal if a no write operation is
initiated; or c) Following any internal write operation.


Similar Part No. - IS24C16A-3P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2 ISSI-IS24C16-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C16A-3P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com