Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45LV44002B-50JLA1 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS45LV44002B-50JLA1
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45LV44002B-50JLA1 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS45LV44002B-50JLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45LV44002B-50JLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45LV44002B-50JLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45LV44002B-50JLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45LV44002B-50JLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45LV44002B-50JLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45LV44002B-50JLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45LV44002B-50JLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45LV44002B-50JLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
09/12/05
IS45LV44002B
ISSI®
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
–0.5 to +4.6
V
VDD
Supply Voltage
–0.5 to +4.6
V
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Operating Temperature
-40 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
VIL
Input Low Voltage
–0.3
0.8
V
TA
Automotive Ambient Temperature (A1)
-40
+85
°C
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A10
5
pF
CIN2
Input Capacitance:
RAS, CAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O3
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz.


Similar Part No. - IS45LV44002B-50JLA1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS450 SHARP-IS450 Datasheet
490Kb / 5P
   OPIC LIGHT DETECTOR WITH BULLT-IN SIGNAL PROCESSING CIRCULT FOR LIGHT MODULATION SYSTEM
logo
List of Unclassifed Man...
IS452 ETC-IS452 Datasheet
668Kb / 6P
   HIGH DENSITY MOUNTING HIGH VOLTAGE DARLINGTON OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS452 ISOCOM-IS452 Datasheet
316Kb / 6P
   Computer terminals
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
   Linear Output Type OPIC Light Detector
IS455 SHARP-IS455 Datasheet
66Kb / 2P
   LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
More results

Similar Description - IS45LV44002B-50JLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com