Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S16100C1-7TLA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS45S16100C1-7TLA1
Description  512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16100C1-7TLA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS45S16100C1-7TLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16100C1-7TLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16100C1-7TLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16100C1-7TLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16100C1-7TLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16100C1-7TLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16100C1-7TLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16100C1-7TLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16100C1-7TLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
IS45S16100C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. C
01/03/06
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
JANUARY 2006
FEATURES
• Clock frequency: 143 MHz
• Fully synchronous; all signals referenced to a
positive clock edge
• Two banks can be operated simultaneously and
independently
• Dual internal bank controlled by A11
(bank select)
• Single 3.3V power supply
• LVTTL interface
• Programmable burst length
– (1, 2, 4, 8, full page)
• Programmable burst sequence:
Sequential/Interleave
• 4096 refresh cycles every 64 ms
• Random column address every clock cycle
• Programmable
CAS latency (2, 3 clocks)
• Burst read/write and burst read/single write
operations capability
• Burst termination by burst stop and
precharge command
• Byte controlled by LDQM and UDQM
• Automotive Temperature Range
Option A: 0oC to +70oC
Option A1: -40oC to +85oC
• Packages: 400-mil 50-pin TSOP-II, 60-ball
fBGA
• Lead-free package option
DESCRIPTION
ISSI’s 16Mb Synchronous DRAM IS45S16100C1 is
organized as a 524,288-word x 16-bit x 2-bank for
improved performance. The synchronous DRAMs
achieve high-speed data transfer using pipeline
architecture. All inputs and outputs signals refer to the
rising edge of the clock input.
512K Words x 16 Bits x 2 Banks (16-MBIT)
SYNCHRONOUS DYNAMIC RAM
PIN CONFIGURATIONS
50-Pin TSOP (Type II)
PIN DESCRIPTIONS
A0-A11
Address Input
A0-A10
Row Address Input
A11
Bank Select Address
A0-A7
Column Address Input
DQ0 to DQ15
Data DQ
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
LDQM
Lower Bye, Input/Output Mask
UDQM
Upper Bye, Input/Output Mask
VDD
Power
GND
Ground
VDDQ
Power Supply for DQ Pin
GNDQ
Ground for DQ Pin
NC
No Connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
VDD
DQ0
DQ1
GNDQ
DQ2
DQ3
VDDQ
DQ4
DQ5
GNDQ
DQ6
DQ7
VDDQ
LDQM
WE
CAS
RAS
CS
A11
A10
A0
A1
A2
A3
VDD
GND
DQ15
IDQ14
GNDQ
DQ13
DQ12
VDDQ
DQ11
DQ10
GNDQ
DQ9
DQ8
VDDQ
NC
UDQM
CLK
CKE
NC
A9
A8
A7
A6
A5
A4
GND


Similar Part No. - IS45S16100C1-7TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16100E ISSI-IS45S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS45S16100E-6TLA1 ISSI-IS45S16100E-6TLA1 Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS45S16100E-7BLA1 ISSI-IS45S16100E-7BLA1 Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS45S16100E-7BLA2 ISSI-IS45S16100E-7BLA2 Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS45S16100E-7TLA1 ISSI-IS45S16100E-7TLA1 Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16100C1-7TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100E ISSI-IS42S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com