Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LF25636A-6.5TQI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A-6.5TQI
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A-6.5TQI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LF25636A-6.5TQI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LF25636A-6.5TQI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LF25636A-6.5TQI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF25636A-6.5TQI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF25636A-6.5TQI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF25636A-6.5TQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF25636A-6.5TQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF25636A-6.5TQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF25636A-6.5TQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
119 BGA PACKAGE PIN CONFIGURATION-256K X 36 (TOP VIEW)
PIN DESCRIPTIONS
123456
7
A
VDDQ
AA
ADSP
AA
VDDQ
B
NC
CE2
A
ADSC
A
A
NC
C
NC
A
A
VDD
A
A
NC
D
DQc
DQPc
Vss
NC
Vss
DQPb
DQb
E
DQc
DQc
Vss
CE
Vss
DQb
DQb
F
VDDQ
DQc
Vss
OE
Vss
DQb
VDDQ
G
DQc
DQc
BWc
ADV
BWb
DQb
DQb
H
DQc
DQc
Vss
GW
Vss
DQb
DQb
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
DQd
DQd
Vss
CLK
Vss
DQa
DQa
L
DQd
DQd
BWd
NC
BWa
DQa
DQa
M
VDDQ
DQd
Vss
BWE
Vss
DQa
VDDQ
N
DQd
DQd
Vss
A1*
Vss
DQa
DQa
P
DQd
DQPd
Vss
A0*
Vss
DQPa
DQa
R
NC
A
MODE
VDD
NC
A
NC
T
NC
NC
A
A
A
NC
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance
ADSP
Address Status Processor
ADSC
Address Status Controller
GW
Global Write Enable
CLK
Synchronous Clock
CE, CE2
Synchronous Chip Select
BWx (x=a-d) Synchronous Byte Write Controls
BWE
Byte Write Enable
Symbol
Pin Name
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
TCK, TDO
JTAG Pins
TMS, TDI
NC
No Connect
DQa-DQd
Data Inputs/Outputs
DQPa-Pd
Output Power Supply
VDD
Power Supply
VDDQ
Output Power Supply
Vss
Ground
Note: * A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.


Similar Part No. - IS61LF25636A-6.5TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A-6.5TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com