Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61VPS25618A Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61VPS25618A
Description  128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61VPS25618A Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61VPS25618A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61VPS25618A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61VPS25618A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61VPS25618A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61VPS25618A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61VPS25618A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61VPS25618A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61VPS25618A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61VPS25618A Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
Rev. 00A
10/07/04
ISSI®
IS61(64)LPS12832A
IS61(64)LPS12836A IS61(64)VPS12836A
IS61(64)LPS25618A IS61(64)VPS25618A
PIN CONFIGURATION
(3 Chip-Enable Option)
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A
Synchronous Address Inputs
ADSC
SynchronousControllerAddressStatus
ADSP
SynchronousProcessorAddressStatus
ADV
SynchronousBurstAddressAdvance
BWa-BWb
Synchronous Byte Write Enable
BWE
Synchronous Byte Write Enable
CE, CE2, CE2 Synchronous Chip Enable
CLK
Synchronous Clock
DQa-DQb
Synchronous Data Input/Output
DQPa-DQPb
Parity Data I/O; DQPa is parity for
DQa1-8; DQPb is parity for DQb1-8
GW
Synchronous Global Write Enable
MODE
Burst Sequence Mode Selection
OE
Output Enable
VDD
3.3V/2.5V Power Supply
VDDQ
Isolated Output Buffer Supply:
3.3V/2.5V
Vss
Ground
ZZ
Snooze Enable
100-PIN TQFP (256K X 18)
A
NC
NC
VDDQ
VSS
NC
DQPa
DQa
DQa
VSS
VDDQ
DQa
DQa
VSS
NC
VDD
ZZ
DQa
DQa
VDDQ
VSS
DQa
DQa
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQb
DQb
VSS
VDDQ
DQb
DQb
NC
VDD
NC
VSS
DQb
DQb
VDDQ
VSS
DQb
DQb
DQPb
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Similar Part No. - IS61VPS25618A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS25618EC-200B2 ISSI-IS61VPS25618EC-200B2 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61VPS25618EC-200B2I ISSI-IS61VPS25618EC-200B2I Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61VPS25618EC-200B2L ISSI-IS61VPS25618EC-200B2L Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61VPS25618EC-200B2LI ISSI-IS61VPS25618EC-200B2LI Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61VPS25618EC-200B3 ISSI-IS61VPS25618EC-200B3 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
More results

Similar Description - IS61VPS25618A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com