Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LF25636A-7.5B2I Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A-7.5B2I
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A-7.5B2I Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A-7.5B2I Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF25636A-7.5B2I Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF25636A-7.5B2I Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF25636A-7.5B2I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF25636A-7.5B2I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF25636A-7.5B2I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF25636A-7.5B2I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF25636A-7.5B2I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF25636A-7.5B2I Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
7
Rev. A
05/04/05
ISSI®
IS61LF25636A IS61LF51218A IS61VF25636A IS61VF51218A
Note: * A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
165 PBGA PACKAGE PIN CONFIGURATION
512K X 18 (TOP VIEW)
PIN DESCRIPTIONS
12345
6
7
8
9
10
11
A
NC
A
CE
BWb
NC
CE2
BWE
ADSC
ADV
AA
B
NC
A
CE2
NC
BWa
CLK
GW
OE
ADSP
ANC
C
NC
NC
VDDQ
Vss
Vss
Vss
Vss
Vss
VDDQ
NC
DQPa
D
NC
DQb
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
NC
DQa
E
NC
DQb
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
NC
DQa
F
NC
DQb
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
NC
DQa
G
NC
DQb
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
NC
DQa
H
NC
Vss
NC
VDD
Vss
Vss
Vss
VDD
NC
NC
ZZ
J
DQb
NC
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
NC
K
DQb
NC
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
NC
L
DQb
NC
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
NC
M
DQb
NC
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
NC
N
DQPb
NC
VDDQ
Vss
NC
NC
NC
Vss
VDDQ
NC
NC
P
NC
NC
A
A
TDI
A1*
TDO
A
A
A
A
R
MODE
NC
A
A
TMS
A0*
TCK
A
A
A
A
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance
ADSP
Address Status Processor
ADSC
Address Status Controller
GW
Global Write Enable
CLK
Synchronous Clock
CE, CE2, CE2
Synchronous Chip Select
BWx (x=a,b)
Synchronous Byte Write
Controls
Symbol
Pin Name
BWE
Byte Write Enable
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
TCK, TDO
JTAG Pins
TMS, TDI
NC
No Connect
DQx
Data Inputs/Outputs
DQPx
Data Inputs/Outputs
VDD
3.3V/2.5V Power Supply
VDDQ
Isolated Output Power Supply
3.3V/2.5V
Vss
Ground


Similar Part No. - IS61LF25636A-7.5B2I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A-7.5B2I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com