Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LPS12832A-250B2 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61LPS12832A-250B2
Description  128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LPS12832A-250B2 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LPS12832A-250B2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LPS12832A-250B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. 00A
10/07/04
ISSI®
IS61(64)LPS12832A
IS61(64)LPS12836A IS61(64)VPS12836A
IS61(64)LPS25618A IS61(64)VPS25618A
BOTTOM VIEW
BOTTOM VIEW
165-PIN BGA
165-Ball, 13x15 mm BGA
1mm Ball Pitch, 11x15 Ball Array
119-PIN BGA
119-Ball, 14x22 mm BGA
1mm Ball Pitch, 7x17 Ball Array


Similar Part No. - IS61LPS12832A-250B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS12832EC-200B2 ISSI-IS61LPS12832EC-200B2 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12832EC-200B2I ISSI-IS61LPS12832EC-200B2I Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12832EC-200B2L ISSI-IS61LPS12832EC-200B2L Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12832EC-200B2LI ISSI-IS61LPS12832EC-200B2LI Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12832EC-200B3 ISSI-IS61LPS12832EC-200B3 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
More results

Similar Description - IS61LPS12832A-250B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com