Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV20488ALL Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61WV20488ALL
Description  2M x 8 HIGH-SPEED CMOS STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV20488ALL Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61WV20488ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV20488ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV20488ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV20488ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV20488ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV20488ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV20488ALL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV20488ALL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV20488ALL Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00C
01/09/06
ISSI®
IS61WV20488ALL
IS61WV20488BLL
IS64WV20488BLL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8
-10
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
ReadCycleTime
8
10
ns
tAA
AddressAccessTime
8
10
ns
tOHA
OutputHoldTime
2
2
ns
tACE
CEAccessTime
8
10
ns
tDOE
OEAccessTime
5.5
6.5
ns
tHZOE(2)
OEtoHigh-ZOutput
3
4
ns
tLZOE(2)
OEtoLow-ZOutput
0
0
ns
tHZCE(2
CEtoHigh-ZOutput
0
3
0
4
ns
tLZCE(2)
CEtoLow-ZOutput
3
3
ns
tPU
PowerUpTime
0
0
ns
tPD
PowerDownTime
8
10
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof3nsorless,timingreferencelevelsof1.5V,inputpulselevelsof0Vto3.0Vandoutputloading
specifiedinFigure1.
2. TestedwiththeloadinFigure2. Transitionismeasured±500mVfromsteady-statevoltage.


Similar Part No. - IS61WV20488ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV20488ALL ISSI-IS61WV20488ALL_10 Datasheet
365Kb / 19P
   2M x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61WV20488ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV20488ALL ISSI-IS61WV20488ALL_10 Datasheet
365Kb / 19P
   2M x 8 HIGH-SPEED CMOS STATIC RAM
IS62WV20488ALL ISSI-IS62WV20488ALL Datasheet
116Kb / 16P
   2M x 8 HIGH-SPEED LOW POWER CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1069AV33 CYPRESS-CY7C1069AV33_06 Datasheet
398Kb / 9P
   2M x 8 Static RAM
CY7C1069AV33 CYPRESS-CY7C1069AV33 Datasheet
249Kb / 9P
   2M x 8 Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com