Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV3216BLL-15BLA3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS64WV3216BLL-15BLA3
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV3216BLL-15BLA3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS64WV3216BLL-15BLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. A
09/26/05
ISSI®
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
IS64WV3216BLL
IS61WV3216BLL
FUNCTIONAL BLOCK DIAGRAM
32K x 16 HIGH-SPEED CMOS STATIC RAM
NOVEMBER 2005
FEATURES
• High-speed access time:
12 ns: 3.3V + 10%
15 ns: 2.5V-3.6V
• CMOS low power operation:
50 mW (typical) operating
25 µW (typical) standby
• TTL compatible interface levels
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Automotive Temperature Available
• Lead-free available
DESCRIPTION
The
ISSI IS61/64WV3216BLL is a high-speed, 524,288-bit
static RAM organized as 32,768 words by 16 bits. It is
fabricated using
ISSI's high-performance CMOS
technology. This highly reliable process coupled with inno-
vative circuit design techniques, yields access times as
fast as 12ns (3.3V + 10%) and 15ns (2.5V-3.6V) with low
power consumption.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW
Write Enable (
WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (
UB) and Lower
Byte (
LB) access.
The IS61/64WV3216BLL is packaged in the JEDEC stan-
dard 44-pin TSOP-II, and 48-pin mini BGA (6mm x 8mm).
A0-A14
CE
OE
WE
32K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Similar Part No. - IS64WV3216BLL-15BLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV3216DBLL/DBLS ISSI-IS64WV3216DBLL/DBLS Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV3216BLL-15BLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216 ICSI-IS61C3216 Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
61C3216 ISSI-61C3216 Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com