Electronic Components Datasheet Search |
|
IS62C256AL-45UL Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc |
|
IS62C256AL-45UL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc |
4 / 12 page 4 Integrated Silicon Solution, Inc. — 1-800-379-4774 Rev. A 03/17/06 ISSI® IS65C256AL IS62C256AL CAPACITANCE(1,2) Symbol Parameter Conditions Max. Unit CIN Input Capacitance VIN = 0V 8 pF COUT Output Capacitance VOUT = 0V 10 pF Notes: 1. Tested initially and after any design or process changes that may affect these parameters. 2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 5.0V. POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range) -25 ns -45 ns Symbol Parameter Test Conditions Min. Max. Min. Max. Unit ICC1 VDD Operating VDD = Max., CE = VIL Com. — 15 — 15 mA Supply Current IOUT = 0 mA, f = 0 Ind. — 20 — 20 Auto. — 25 — 25 ICC2 VDD Dynamic Operating VDD = Max., CE = VIL Com. — 25 — 20 mA Supply Current IOUT = 0 mA, f = fMAX Ind. — 30 — 25 Auto. — 35 — 30 typ. (2) 15 12 ISB1 TTL Standby Current VDD = Max., Com. — 100 — 100 µA (TTL Inputs) VIN = VIH or VIL Ind. — 120 — 120 CE ≥ VIH, f = 0 Auto. — 150 — 150 ISB2 CMOS Standby VDD = Max., Com. — 15 — 15 µA Current (CMOS Inputs) CE ≥ VDD – 0.2V, Ind. — 20 — 20 VIN ≥ VDD – 0.2V, or Auto. — 50 — 50 VIN ≤ 0.2V, f = 0 typ. (2) 5 5 Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change. 2. Typical values are measured at VDD = 5.0V, TA = 25oC and not 100% tested. |
Similar Part No. - IS62C256AL-45UL |
|
Similar Description - IS62C256AL-45UL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |