Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV20488BLL-10MA3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS64WV20488BLL-10MA3
Description  2M x 8 HIGH-SPEED CMOS STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV20488BLL-10MA3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS64WV20488BLL-10MA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV20488BLL-10MA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV20488BLL-10MA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV20488BLL-10MA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV20488BLL-10MA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV20488BLL-10MA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV20488BLL-10MA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV20488BLL-10MA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV20488BLL-10MA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. 00C
01/09/06
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
IS61WV20488ALL
IS61WV20488BLL
IS64WV20488BLL
2M x 8 HIGH-SPEED CMOS STATIC RAM
PRELIMINARY INFORMATION
JANUARY 2006
FEATURES
• High-speed access times:
8, 10, 20 ns
• High-performance, low-power CMOS process
• Multiple center power and ground pins for
greater noise immunity
• Easy memory expansion with
CE and OE
options
CE power-down
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single power supply
– VDD 1.65V to 2.2V (IS61WV20488ALL)
speed = 20ns for Vcc = 1.65V to 2.2V
– VDD 2.4V to 3.6V (IS61/64WV20488BLL)
speed = 10ns for Vcc = 2.4V to 3.6V
speed = 8ns for Vcc = 3.3V + 5%
• Packages available:
– 48-ball miniBGA (9mm x 11mm)
– 44-pin TSOP (Type II)
• Industrial and Automotive Temperature Support
• Lead-free available
DESCRIPTION
The
ISSI IS61WV20488ALL/BLL and IS64WV20488BLL
are very high-speed, low power, 2M-word by 8-bit CMOS
static RAM. The IS61WV20488ALL/BLL and
IS64WV20488BLL are fabricated using
ISSI's high-
performance CMOS technology. This highly reliable
process coupled with innovative circuit design tech-
niques, yields higher performance and low power con-
sumption devices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down with CMOS input levels.
The IS61WV20488ALL/BLL and IS64WV20488BLL
operate from a single power supply and all inputs are
TTL-compatible.
The IS61WV20488ALL/BLL and IS64WV20488BLL are
available in 48 ball mini BGA and 44-pin TSOP (Type II)
packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A20
CE
OE
WE
2M X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7


Similar Part No. - IS64WV20488BLL-10MA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV25616BLL-10BA3 ISSI-IS64WV25616BLL-10BA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10BLA3 ISSI-IS64WV25616BLL-10BLA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10CTA3 ISSI-IS64WV25616BLL-10CTA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10CTLA3 ISSI-IS64WV25616BLL-10CTLA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL/BLS ISSI-IS64WV25616BLL/BLS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV20488BLL-10MA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV20488ALL ISSI-IS61WV20488ALL_10 Datasheet
365Kb / 19P
   2M x 8 HIGH-SPEED CMOS STATIC RAM
IS62WV20488ALL ISSI-IS62WV20488ALL Datasheet
116Kb / 16P
   2M x 8 HIGH-SPEED LOW POWER CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1069AV33 CYPRESS-CY7C1069AV33_06 Datasheet
398Kb / 9P
   2M x 8 Static RAM
CY7C1069AV33 CYPRESS-CY7C1069AV33 Datasheet
249Kb / 9P
   2M x 8 Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com