Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV256AL-45J Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS62LV256AL-45J
Description  32K x 8 LOW VOLTAGE CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV256AL-45J Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS62LV256AL-45J Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV256AL-45J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV256AL-45J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV256AL-45J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV256AL-45J Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62LV256AL-45J Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62LV256AL-45J Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS62LV256AL-45J Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS62LV256AL-45J Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
Rev. A
03/17/06
IS65LV256AL
IS62LV256AL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDR
VDD for Data Retention
See Data Retention Waveform
2.0
3.6
V
IDR
Data Retention Current
VDD = 2.0V,
CE
≥ VDD – 0.2V
Com.
15
µA
VIN
≥ VDD – 0.2V, or VIN ≤ VSS + 0.2V
Ind.
20
Auto.
50
typ.(1)
2
tSDR
Data Retention Setup Time See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
—ns
Note:
1. Typical Values are measured at VDD = 3.3V, TA = 25oC and not 100% tested.
DATA RETENTION WAVEFORM (
CE
CE
CE
CE
CE Controlled)
VDD
CE
≥ VDD - 0.2V
tSDR
tRDR
VDR
CE
GND
Data Retention Mode


Similar Part No. - IS62LV256AL-45J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV256AL ISSI-IS62LV256AL Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS62LV256AL-45J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com