Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64LV6416L Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS64LV6416L
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64LV6416L Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS64LV6416L Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IS64LV6416L
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. C
05/02/03
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-10 ns
-12 ns
Symbol
Parameter
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
10
12
ns
tAA
Address Access Time
10
12
ns
tOHA
Output Hold Time
3
3
ns
tACE
CE Access Time
10
12
ns
tDOE
OE Access Time
5
6
ns
tHZOE(2)
OE to High-Z Output
5
6
ns
tLZOE(2)
OE to Low-Z Output
0
0
ns
tHZCE(2
CE to High-Z Output
0
5
0
6
ns
tLZCE(2)
CE to Low-Z Output
3
3
ns
tBA
LB, UB Access Time
6
6
ns
tHZB
LB, UB to High-Z Output
0
5
0
6
ns
tLZB
LB, UB to Low-Z Output
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
319
30 pF
Including
jig and
scope
353
OUTPUT
3.3V
319
5 pF
Including
jig and
scope
353
OUTPUT
3.3V


Similar Part No. - IS64LV6416L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL-10TA1 ISSI-IS64LV25616AL-10TA1 Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL-12BA2 ISSI-IS64LV25616AL-12BA2 Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL-12BA3 ISSI-IS64LV25616AL-12BA3 Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL-12BLA3 ISSI-IS64LV25616AL-12BLA3 Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS64LV6416L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
   64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com