Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS65WV25616ALL-70TA3 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS65WV25616ALL-70TA3
Description  256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65WV25616ALL-70TA3 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS65WV25616ALL-70TA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65WV25616ALL-70TA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65WV25616ALL-70TA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65WV25616ALL-70TA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65WV25616ALL-70TA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS65WV25616ALL-70TA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS65WV25616ALL-70TA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS65WV25616ALL-70TA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS65WV25616ALL-70TA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IS65WV25616ALL, IS65WV25616BLL
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
Rev. 00B
06/20/06
DATA RETENTION WAVEFORM (CS1 Controlled)
VDD
CS1 ≥ VDD - 0.2V
tSDR
tRDR
VDR
CS1
GND
1.65V
1.4V
Data Retention Mode
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VDR
VDD for Data Retention
See Data Retention Waveform
1.2
3.6
V
IDR
Data Retention Current
VDD = 1.2V,
CS1
≥ VDD – 0.2V
A1
20
µA
A2
40
µA
A3
60
µA
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
—ns
51216LT_DR.eps


Similar Part No. - IS65WV25616ALL-70TA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65WV25616DBLL ISSI-IS65WV25616DBLL Datasheet
373Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
IS65WV25616DBLL-45CTLA1 ISSI-IS65WV25616DBLL-45CTLA1 Datasheet
414Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
IS65WV25616DBLL-55CTLA3 ISSI-IS65WV25616DBLL-55CTLA3 Datasheet
414Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
More results

Similar Description - IS65WV25616ALL-70TA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV25616ALL ISSI-IS62WV25616ALL Datasheet
112Kb / 14P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
IS62WV25616DBLL-45TLI ISSI-IS62WV25616DBLL-45TLI Datasheet
414Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
IS65WV25616DBLL ISSI-IS65WV25616DBLL Datasheet
373Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
logo
Brilliance Semiconducto...
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com