Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV1024BLL-15BLA3 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS64WV1024BLL-15BLA3
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV1024BLL-15BLA3 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS64WV1024BLL-15BLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15BLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15BLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15BLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15BLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15BLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15BLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15BLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV1024BLL-15BLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. B
05/10/06
ISSI®
IS63WV1024BLL
IS64WV1024BLL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-12 ns
-15 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
12
15
ns
tAA
Address Access Time
12
15
ns
tOHA
Output Hold Time
3
3
ns
tACE
CE Access Time
12
15
ns
tDOE
OE Access Time
6
7
ns
tLZOE(2)
OE to Low-Z Output
0
0
ns
tHZOE(2)
OE to High-Z Output
0
6
0
6
ns
tLZCE(2)
CE to Low-Z Output
3
3
ns
tHZCE(2)
CE to High-Z Output
0
6
0
6
ns
tPU
CE to Power Up Time
0
0
ns
tPD
CE to Power Down Time
12
15
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.25V, input pulse levels of 0.4V to
VDD-0.3V and output loading specified in Figure 1.
2. Tested with the loading specified in Figure 1. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.


Similar Part No. - IS64WV1024BLL-15BLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV102416BLL ISSI-IS64WV102416BLL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV102416BLL ISSI-IS64WV102416BLL Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV102416BLL ISSI-IS64WV102416BLL Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV102416BLL-10CTLA3 ISSI-IS64WV102416BLL-10CTLA3 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64WV102416BLL-10MA3 ISSI-IS64WV102416BLL-10MA3 Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS64WV1024BLL-15BLA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com