Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS80C32-40W Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS80C32-40W
Description  CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80C32-40W Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS80C32-40W Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS80C32-40W Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS80C32-40W Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS80C32-40W Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS80C32-40W Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS80C32-40W Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80C32-40W Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80C32-40W Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS80C32-40W Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
IS80C52
IS80C32
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
MC004-1D
11/19/98
ISSI®
Symbol
PDIP
PLCC
PQFP
I/O
Name and Function
P3.0-P3.7
10-17
11, 13-19
5, 7-13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal
pullups. Port 3 pins that have 1s written to them are pulled high
by the internal pullups and can be used as inputs. As inputs,
Port 3 pins that are externally pulled low will source current
because of the internal pullups. (See DC Characteristics: IIL).
Port 3 also serves the special features of the IS80C51/31, as
listed below:
10
11
5
I
RxD (P3.0): Serial input port.
11
13
7
O
TxD (P3.1): Serial output port.
12
14
8
I
INT0
INT0
INT0
INT0
INT0 (P3.2): External interrupt 0.
13
15
9
I
INT1
INT1
INT1
INT1
INT1 (P3.3): External interrupt 1.
14
16
10
I
T0 (P3.4): Timer 0 external input.
15
17
11
I
T1 (P3.5): Timer 1 external input.
16
18
12
O
WR
WR
WR
WR
WR (P3.6): External data memory write strobe.
17
19
13
O
RD
RD
RD
RD
RD (P3.7): External data memory read strobe.
PSEN
29
32
26
O
Program Store Enable: The read strobe to external program
memory. When the device is executing code from the external
program memory,
PSEN is activated twice each machine
cycle except that two
PSEN activations are skipped during
each access to external data memory.
PSEN is not activated
during fetches from internal program memory.
RST
9
10
4
I
Reset: A high on this pin for two machine cycles while the
oscillator is running, resets the device. An internal MOS
resistor to GND permits a power-on reset using only an
external capacitor connected to Vcc.
XTAL 1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and
input to the internal clock generator circuits.
XTAL 2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.
GND
20
22
16
I
Ground: 0V reference.
Vcc
40
44
38
I
Power Supply: This is the power supply voltage for operation.
Table 1. Detailed Pin Description
(continued)


Similar Part No. - IS80C32-40W

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80C31 ISSI-IS80C31 Datasheet
337Kb / 43P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IS80C31-12PL ISSI-IS80C31-12PL Datasheet
337Kb / 43P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IS80C31-12PLI ISSI-IS80C31-12PLI Datasheet
337Kb / 43P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IS80C31-12PQ ISSI-IS80C31-12PQ Datasheet
337Kb / 43P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IS80C31-12PQI ISSI-IS80C31-12PQI Datasheet
337Kb / 43P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IS80C32-40W

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com