Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C46A-3PA Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS93C46A-3PA
Description  1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C46A-3PA Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS93C46A-3PA Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C46A-3PA Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C46A-3PA Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C46A-3PA Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C46A-3PA Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C46A-3PA Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C46A-3PA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C46A-3PA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C46A-3PA Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. E
06/07/04
IS93C46A
ISSI®
DC ELECTRICAL CHARACTERISTICS
TA = 0°C to +70°C for Commercial, –40°C to +85°C for Industrial, and –40°C to +125°C for Automotive.
Symbol Parameter
Test Conditions
Vcc
Min.
Max.
Unit
VOL
Output LOW Voltage
IOL = 100 µA
2.5V to 5.5V
0.2
V
VOL1
Output LOW Voltage
IOL = 2.1 mA
4.5V to 5.5V
0.4
V
VOH
Output HIGH Voltage
IOH = –100 µA
2.5V to 5.5V
VCC – 0.2
V
VOH1
Output HIGH Voltage
IOH = –400 µA
4.5V to 5.5V
2.4
V
VIH
Input HIGH Voltage
2.5V to 5.5V
0.7XVCC
VCC+1
V
4.5V to 5.5V
0.7XVCC
VCC+1
VIL
Input LOW Voltage
2.5V to 5.5V
–0.3
0.2XVCC
V
4.5V to 5.5V
–0.3
0.8
ILI
Input Leakage
VIN = 0V to VCC (CS, SK,DIN,ORG)
0
2.5
µA
ILO
Output Leakage
VOUT = 0V to VCC, CS = 0V
0
2.5
µA
Notes:
Automotive grade devices in this table are tested with Vcc = 2.7V to 5.5V and 4.5V to 5.5V.


Similar Part No. - IS93C46A-3PA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C46A-3PA

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com