Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C66A-3PLA3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS93C66A-3PLA3
Description  2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C66A-3PLA3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS93C66A-3PLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C66A-3PLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. A
05/02/06
IS93C56A
IS93C66A
ISSI®
Write All (WRALL)
The write all (WRALL) instruction programs all registers
with the data pattern specified in the instruction. As with the
WRITE instruction, the falling edge of CS must occur to
initiate the self-timed programming cycle. If CS is then
brought HIGH after a minimum wait of 200 ns (tCS), the DOUT
pin indicates the READY/
BUSY status of the chip (see
Figure 6). Vcc is required to be above 4.5V for WRALL to
function properly.
Write Disable (WDS)
The write disable (WDS) instruction disables all programming
capabilities. This protects the entire device against acci-
dental modification of data until a WEN instruction is
executed. (When Vcc is applied, this part powers up in the
write disabled state.) To protect data, a WDS instruction
should be executed upon completion of each programming
operation.
Erase Register (ERASE)
After the erase instruction is entered, CS must be brought
LOW. The falling edge of CS initiates the self-timed internal
programming cycle. Bringing CS HIGH after a minimum of
tCS, will cause DOUT to indicate the READ/
BUSY status of the
chip: a logical “0” indicates programming is still in progress;
a logical “1” indicates the erase cycle is complete and the
part is ready for another instruction (see Figure 8).
Erase All (ERAL)
Full chip erase is provided for ease of programming. Erasing
the entire chip involves setting all bits in the entire memory
array to a logical “1” (see Figure 9). Vcc is required to be
above 4.5V for ERALL to function properly.
Write Enable (WEN)
The write enable (WEN) instruction must be executed
before any device programming (WRITE, WRALL,
ERASE, and ERAL) can be done. When Vcc is applied,
this device powers up in the write disabled state. The
device then remains in a write disabled state until a WEN
instruction is executed. Thereafter, the device remains
enabled until a WDS instruction is executed or until Vcc
is removed. (See Figure 4.) (Note: Chip select must
remain LOW until Vcc reaches its operational value.)
Write (WRITE)
The WRITE instruction includes 8 or 16 bits of data to be
written into the specified register. After the last data bit
has been applied to DIN, and before the next rising edge
of SK, CS must be brought LOW. If the device is write-
enabled, then the falling edge of CS initiates the self-
timed programming cycle (see WEN).
If CS is brought HIGH, after a minimum wait of 200 ns (5V
operation) after the falling edge of CS (tCS) DOUT will
indicate the READY/
BUSY status of the chip. Logical “0”
means programming is still in progress; logical “1” means
the selected register has been written, and the part is
ready for another instruction (see Figure 5). The READY/
BUSY status will not be available if: a) The CS input goes
HIGH after the end of the self-timed programming cycle,
tWP; or b) Simultaneously CS is HIGH, Din is HIGH, and
SK goes HIGH, which clears the status flag.


Similar Part No. - IS93C66A-3PLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3G ISSI-IS93C66-3G Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GI ISSI-IS93C66-3GI Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GR ISSI-IS93C66-3GR Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3GRI ISSI-IS93C66-3GRI Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C66A-3PLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com