Electronic Components Datasheet Search |
|
1.5SMC350A Datasheet(PDF) 3 Page - Weitron Technology |
|
1.5SMC350A Datasheet(HTML) 3 Page - Weitron Technology |
3 / 4 page RATINGS AND CHARACTERISTIC CURVES 10 100 1 10 100 200 Number of Cycles at 60 Hz Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only 8.3ms Single Half Sine-Wave (JEDEC Method)TJ=TJ max. 0.1 1 10 100 10ms 0.1µs 1.0µs 10µs 100µs 1.0ms td - Pulse Width (sec.) Fig. 1 - Peak Pulse Power Rating Curve 0 25 50 75 100 125 150 175 200 0 1.0 2.0 3.0 4.0 Fig. 5 - Steady State Power Derating Curve TL - Lead Temperature (°C) L=0.375" (9.5mm) Lead Lengths 1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks 5.0 6.0 7.0 8.0 60Hz Resistive or Inductive Load t - Time(ms) 150 0 1.0 tr = 10µsec. Peak Value IPPM TJ = 25°C Pulse Width (td) is defined as the point where the peak current decays to 50% of IPPM 10/1000µsec.Waveform as defined by R.E.A. td Fig.3 - Pulse Waveform 4.0 50 Half Value- IPPM 2 100 3.0 0 5 10 100 1000 10000 Fig. 4 - Typical Junction Capacitance VWM - Reverse Stand-Off Voltage (V) Unidirectional Bidirectional f = 1MHz Vsig = 50mVp-p TJ = 25°C VR = 0 500 VR= Rated Stand-off Voltage 10 100 0 12.5 25 37.5 50 62.5 75 87.5 100 0 25 50 75 100 125 150 175 200 Fig.2 - Pulse Derating Curve TA - Ambient Temperature (°C) 2.0 1.5 SMC Series 3/4 16-Feb-06 http://www.weitron.com.tw WEITRON |
Similar Part No. - 1.5SMC350A |
|
Similar Description - 1.5SMC350A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |