Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC530A Datasheet(PDF) 2 Page - Weitron Technology

Part # 1.5SMC530A
Description  1500W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1.5SMC530A Datasheet(HTML) 2 Page - Weitron Technology

  1.5SMC530A Datasheet HTML 1Page - Weitron Technology 1.5SMC530A Datasheet HTML 2Page - Weitron Technology 1.5SMC530A Datasheet HTML 3Page - Weitron Technology 1.5SMC530A Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UNI-
POLAR
BI-
POLAR
1.5SMC 6.8A 1.5SMC 6.8CA
6V8A 6V8C
UNI-POLAR
BI-POLAR
5.80
6.45
7.14
10
10.5
144.8
1000
1.5SMC 7.5A 1.5SMC 7.5CA
7V5A 7V5C
6.40
7.13
7.88
10
11.3
134.5
500
1.5SMC 8.2A 1.5SMC 8.2CA
8V2A 8V2C
7.02
7.79
8.61
10
12.1
125.6
200
1.5SMC 9.1A 1.5SMC 9.1CA
9V1A 9V1C
7.78
8.65
9.50
1
13.4
113.4
50
1.5SMC 10A 1.5SMC 10CA
10A
10C
8.55
9.50
10.50
1
14.5
104.8
10
1.5SMC 11A 1.5SMC 11CA
11A
11C
9.40
10.50
11.60
1
15.6
97.4
5
1.5SMC 12A 1.5SMC 12CA
12A
12C
10.20
11.40
12.60
1
16.7
91.0
5
1.5SMC 13A 1.5SMC 13CA
13A
13C
11.10
12.40
13.70
1
18.2
83.5
5
1.5SMC 15A 1.5SMC 15CA
15A
15C
12.80
14.30
15.80
1
21.2
71.7
5
1.5SMC 16A 1.5SMC 16CA
16A
16C
13.60
15.20
16.80
1
22.5
67.6
5
1.5SMC 18A 1.5SMC 18CA
18A
18C
15.30
17.10
18.90
1
25.2
60.3
5
1.5SMC 20A 1.5SMC 20CA
20A
20C
17.10
19.00
21.00
1
27.7
54.9
5
1.5SMC 22A 1.5SMC 22CA
22A
22C
18.80
20.90
23.10
1
30.6
49.7
5
1.5SMC 24A 1.5SMC 24CA
24A
24C
20.50
22.80
25.20
1
33.2
45.8
5
1.5SMC 27A 1.5SMC 27CA
27A
27C
23.10
25.70
28.40
1
37.5
40.5
5
1.5SMC 30A 1.5SMC 30CA
30A
30C
25.60
28.50
31.50
1
41.4
36.7
5
1.5SMC 33A 1.5SMC 33CA
33A
33C
28.20
31.40
34.70
1
45.7
33.3
5
1.5SMC 36A 1.5SMC 36CA
36A
36C
30.80
34.20
37.80
1
49.9
30.5
5
1.5SMC 39A 1.5SMC 39CA
39A
39C
33.30
37.10
41.00
1
53.9
28.2
5
1.5SMC 43A 1.5SMC 43CA
43A
43C
36.80
40.90
45.20
1
59.3
25.6
5
1.5SMC 47A 1.5SMC 47CA
47A
47C
40.20
44.70
49.40
1
64.8
23.5
5
1.5SMC 51A 1.5SMC 51CA
51A
51C
43.60
48.50
53.60
1
70.1
21.7
5
1.5SMC 56A 1.5SMC 56CA
56A
56C
47.80
53.20
58.80
1
77.0
19.7
5
1.5SMC 62A 1.5SMC 62CA
62A
62C
53.00
58.90
65.10
1
85.0
17.9
5
1.5SMC 68A 1.5SMC 68CA
68A
68C
58.10
64.60
71.40
1
92.0
16.5
5
1.5SMC 75A 1.5SMC 75CA
75A
75C
64.10
71.30
78.80
1
103.0
14.8
5
1.5SMC 82A 1.5SMC 82CA
82A
82C
70.10
77.90
86.10
1
113.0
13.5
5
1.5SMC 91A 1.5SMC 91CA
91A
91C
77.80
86.50
95.50
1
125.0
12.2
5
1.5SMC 100A 1.5SMC 100CA
68A
100C
85.50
95.00
105.00
1
137.0
11.1
5
1.5SMC 110A 1.5SMC 110CA
75A
110C
94.00
105.00
116.00
1
152.0
10.0
5
1.5SMC 120A 1.5SMC 120CA 120A 120C
102.00
114.00
126.00
1
165.0
9.2
5
1.5SMC 130A 1.5SMC 130CA 130A 130C
111.00
124.00
137.00
1
179.0
8.5
5
1.5SMC 150A 1.5SMC 150CA 150A 150C
128.00
143.00
158.00
1
207.0
7.3
5
1.5SMC 160A 1.5SMC 160CA 160A 160C
136.00
152.00
168.00
1
219.0
6.9
5
1.5SMC 170A 1.5SMC 170CA 170A 170C
145.00
162.00
179.00
1
234.0
6.5
5
1.5SMC 180A 1.5SMC 180CA 180A 180C
154.00
171.00
189.00
1
246.0
6.2
5
1.5SMC 200A 1.5SMC 200CA 200A 200C
171.00
190.00
210.00
1
274.0
5.5
5
1.5SMC 220A 1.5SMC 220CA 220A 220C
185.00
209.00
231.00
1
328.0
4.6
5
1.5SMC 250A 1.5SMC 250CA 250A 250C
214.00
237.00
263.00
1
344.0
4.4
5
1.5SMC 300A 1.5SMC 300CA 300A 300C
256.00
285.00
315.00
1
414.0
3.7
5
1.5SMC 350A 1.5SMC 350CA 350A 350C
300.00
332.00
368.00
1
482.0
3.2
5
1.5SMC 400A 1.5SMC 400CA 400A 400C
342.00
380.00
420.00
1
548.0
2.8
5
1.5SMC 440A 1.5SMC 440CA 440A 440C
376.00
418.00
462.00
1
602.0
2.5
5
1.5SMC 480A 1.5SMC 480CA 480A 480C
408.00
456.00
504.00
1
658.0
2.3
5
1.5SMC 510A 1.5SMC 510CA 510A 510C
434.00
485.00
535.00
1
698.0
2.1
5
1.5SMC 530A 1.5SMC 530CA 530A 530C
477.00
503.50
556.50
1
725.0
2.1
5
1.5SMC 540A 1.5SMC 540CA 540A 540C
459.00
513.00
567.00
1
740.0
2.0
5
1.5SMC 550A 1.5SMC 550CA 550A 550C
495.00
522.50
577.50
1
760.0
2.0
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
The avaliable parts are "A" type only, the parts without A (VBR is ± 10%) is not avaliable.
TEST
CURRE
NT IT
(mA)
1.5SMC
PART NUMBER
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
MARKING
CODE
REVERSE
LEAKAGE
@ VRWM
IR(µA)
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDO
WN
VOLTAGE
VBR(V)
MIN.@IT
BREAKDO
WN
VOLTAGE
VBR(V)
MAX.@IT
1.5 SMC Series
2/4
16-Feb-06
http://www.weitron.com.tw
WEITRON


Similar Part No. - 1.5SMC530A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5SMC530A LITTELFUSE-1.5SMC530A Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Alpha & Omega Semicondu...
1.5SMC530A AOSMD-1.5SMC530A Datasheet
707Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
logo
MDE Semiconductor, Inc.
1.5SMC530A MDE-1.5SMC530A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1.5SMC530A GOOD-ARK-1.5SMC530A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Littelfuse
1.5SMC530A LITTELFUSE-1.5SMC530A Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5SMC530A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com