Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1036K Datasheet(PDF) 3 Page - Weitron Technology

Part # 2SA1036K
Description  PNP General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SA1036K Datasheet(HTML) 3 Page - Weitron Technology

  2SA1036K Datasheet HTML 1Page - Weitron Technology 2SA1036K Datasheet HTML 2Page - Weitron Technology 2SA1036K Datasheet HTML 3Page - Weitron Technology 2SA1036K Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.weitron.com.tw
WEITRON
-0.2
0
-500
-200
-100
-50
-20
-10
-5
-2
-1
-0.5
-0.2
-0.1
-0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -2.2
VCE
=-3V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propogation
Ta=100 C
25 C
-55 C
-1
-40
-80
-3
0
-20
-60
-100
0
-2
-4
-5
-200
-400
-10
-5
0
-100
-300
-500
0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Ta=25 C
Fig.3 Ground emitter output
IB=0A
-0.5mA
-1.0mA
-1.5mA
-2.0mA
-2.5mA
-3.0mA
-3.5mA
-4.0mA
-4.5mA
-5.0mA
Ta=25 C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics (I)
IB=0A
-0.1mA
-0.2mA
-0.3mA
-0.4mA
-0.5mA
-0.6mA
-0.7mA
-0.8mA
-0.9mA
-1mA
500
1000
200
100
50
20
-1 -2
-5 -10 -20 -50 -100 -200 -500 -1000
VCE=-5V
-
3V
-
1V
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs collector current (Ι)
Ta=25 C
500
1000
200
100
50
20
-1 -2
-5 -10 -20 -50 -100 -200 -500 -1000
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs.
VCE
=-3V
Ta
=100 C
25 C
-55 C
-0.1
-1 -2
-5 -10 -20
-50 -100 -200 -500
-1
-0.5
-0.2
-0.05
-0.02
COLLECTOR CURRENT : IC
(mA)
IC/IB
=50
20
10
Fig.6 Collector emitter saturation
Ta
=25 C
-0.05
-0.03
-0.02
-0.01
-1 -2
-5 -10 -20
-50 -100 -200 -500 -1000
-0.5
-0.3
-0.2
-0.1
-1.0
lC/lB
=10
COLLECTOR CURRENT : IC
(mA)
Fig.7 Collector-emitter saturation
Ta
=100 C
25 C
-
55 C
50
0.5
20
50
100
200
500
1000
1
2
5
10
EMITTER CURRENT : IE
(mA)
Fig.8 Gain bandwidth product vs.
emitter current
Ta
=25 C
VCE
=-5V
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE : VEB
(V)
Fig.9 Collectur output capacitance vs.
collector-base voltage. Emitter input
capacitance vs. emitter -base voltage
-50
-0.5
-20
2
5
10
50
100
-1
-2
-5
-10
20
Ta
=25 C
f
=1MHz
IE
=0A
IC
=0A
Electrical characteristic curves
characteristics (ΙΙ)
collector current (ΙΙ)
voltage vs. collector current (Ι)
voltage vs. collector current (ΙΙ )
2SA1036K
3/4
02-Mar-06


Similar Part No. - 2SA1036K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1036K ROHM-2SA1036K Datasheet
77Kb / 4P
   Medium Power Transistor
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Rohm
2SA1036K ROHM-2SA1036K Datasheet
168Kb / 3P
   Medium Power Transistor
2SA1036K ROHM-2SA1036K Datasheet
1Mb / 8P
   Medium Power Transistor (-32V,-500mA)
More results

Similar Description - 2SA1036K

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com