Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE6.8CA Datasheet(PDF) 2 Page - Weitron Technology

Part # 1.5KE6.8CA
Description  1500W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1.5KE6.8CA Datasheet(HTML) 2 Page - Weitron Technology

  1.5KE6.8CA Datasheet HTML 1Page - Weitron Technology 1.5KE6.8CA Datasheet HTML 2Page - Weitron Technology 1.5KE6.8CA Datasheet HTML 3Page - Weitron Technology 1.5KE6.8CA Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5 KE Series
2/4
12-May-06
http://www.weitron.com.tw
WEITRON
UNI- POLAR
BI-POLAR
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.50
1
13.4
113.4
50
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
5
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
5
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
5
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1
25.2
60.3
5
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
5
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
5
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
5
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
5
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1
41.4
36.7
5
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1
45.7
33.3
5
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1
49.9
30.5
5
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1
53.9
28.2
5
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1
59.3
25.6
5
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1
64.8
23.5
5
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1
70.1
21.7
5
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1
77.0
19.7
5
1.5KE62A
1.5KE62CA
53.00
58.90
65.10
1
85.0
17.9
5
1.5KE68A
1.5KE68CA
58.10
64.60
71.40
1
92.0
16.5
5
1.5KE75A
1.5KE75CA
64.10
71.30
78.80
1
103.0
14.8
5
1.5KE82A
1.5KE82CA
70.10
77.90
86.10
1
113.0
13.5
5
1.5KE91A
1.5KE91CA
77.80
86.50
95.50
1
125.0
12.2
5
1.5KE100A
1.5KE100CA
85.50
95.00
105.00
1
137.0
11.1
5
1.5KE110A
1.5KE110CA
94.00
105.00
116.00
1
152.0
10.0
5
1.5KE120A
1.5KE120CA
102.00
114.00
126.00
1
165.0
9.2
5
1.5KE130A
1.5KE130CA
111.00
124.00
137.00
1
179.0
8.5
5
1.5KE150A
1.5KE150CA
128.00
143.00
158.00
1
207.0
7.3
5
1.5KE160A
1.5KE160CA
136.00
152.00
168.00
1
219.0
6.9
5
1.5KE170A
1.5KE170CA
145.00
162.00
179.00
1
234.0
6.5
5
1.5KE180A
1.5KE180CA
154.00
171.00
189.00
1
246.0
6.2
5
1.5KE200A
1.5KE200CA
171.00
190.00
210.00
1
274.0
5.5
5
1.5KE220A
1.5KE220CA
185.00
209.00
231.00
1
328.0
4.6
5
1.5KE250A
1.5KE250CA
214.00
237.00
263.00
1
344.0
4.4
5
1.5KE300A
1.5KE300CA
256.00
285.00
315.00
1
414.0
3.7
5
1.5KE350A
1.5KE350CA
300.00
332.00
368.00
1
482.0
3.2
5
1.5KE400A
1.5KE400CA
342.00
380.00
420.00
1
548.0
2.8
5
1.5KE440A
1.5KE440CA
376.00
418.00
462.00
1
602.0
2.5
5
1.5KE480A
1.5KE480CA
408.00
456.00
504.00
1
658.0
2.3
5
1.5KE510A
1.5KE510CA
434.00
485.00
535.00
1
698.0
2.1
5
1.5KE530A
1.5KE530CA
477.00
503.50
556.50
1
725.0
2.1
5
1.5KE540A
1.5KE540CA
459.00
513.00
567.00
1
740.0
2.0
5
1.5KE550A
1.5KE550CA
495.00
522.50
577.50
1
760.0
2.0
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURREN
T IT (mA)
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
1.5KE
PART NUMBER
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURREN
T Ipp (A)
REVERS
E
LEAKAGE
@ VRWM
IR(µA)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT


Similar Part No. - 1.5KE6.8CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE6.8CA ONSEMI-1.5KE6.8CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
SUNMATE electronic Co.,...
1.5KE6.8CA SUNMATE-1.5KE6.8CA Datasheet
111Kb / 4P
   1500Watt Axial Lead Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8CA YFWDIODE-1.5KE6.8CA Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
List of Unclassifed Man...
1.5KE6.8CA ETC-1.5KE6.8CA Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
1.5KE6.8CA FORMOSA-1.5KE6.8CA Datasheet
145Kb / 6P
   1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
More results

Similar Description - 1.5KE6.8CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com