Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1015LT1 Datasheet(PDF) 1 Page - Weitron Technology

Part # A1015LT1
Description  TRANSISTOR (PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

A1015LT1 Datasheet(HTML) 1 Page - Weitron Technology

  A1015LT1 Datasheet HTML 1Page - Weitron Technology A1015LT1 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2. 4
1. 3
A1015LT1
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
0.2
W (Tamb=25 )
Collector current
ICM:
-0.15
A
Collector-base voltage
V(BR)CBO:
-50
V
Operating and storage junction temperature range
TJ, Tstg: -55
to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100
µA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -0.1mA, IB =0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -10µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=-50V , IE=0
-0.1
µA
Collector cut-off current
ICEO
VCE= -50V , IB=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=- 5V , IC=0
-0.1
µA
DC current gain
HFE(1)
VCE=-6V, IC= -2mA
130
400
Collector-emitter saturation voltage
VCE(sat)
IC=-100 mA, IB= -10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-100 mA, IB= -10mA
-1.1
V
Transition frequency
fT
VCE=-10V, IC= -1mA
f=30MHz
80
MHz
CLASSIFICATION
OF
HFE(1)
Rank
L
H
Range
130-200
200- 40 0
MARKING
BA
Unit: mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
A1015LT1
WEITRON
http://www.weitron.com.tw
-
-
* “G” Lead(Pb)-Free


Similar Part No. - A1015LT1

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A1015LT1 JIANGSU-A1015LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
A1015LT1-SOT-23 JIANGSU-A1015LT1-SOT-23 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
More results

Similar Description - A1015LT1

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com