Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B340LA Datasheet(PDF) 2 Page - Weitron Technology

Part # B340LA
Description  Low VF Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B340LA Datasheet(HTML) 2 Page - Weitron Technology

  B340LA Datasheet HTML 1Page - Weitron Technology B340LA Datasheet HTML 2Page - Weitron Technology B340LA Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B340LA
WE IT R ON
Maximum Ratings and Electrical Characteristics
Characteristics
B340LA
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @TC=100 C
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous
Maximum DC Reverse Current @Tj=25 C
At Rated DC Blocking Voltage @Tj=100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
mA
C
C
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
CJ
R JC
TJ
TSTG
40
28
40
3.0
100
0.40
1.0
80
250
10
-55 to+125
-55 to+150
F
C/W
NOTES:1.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to case.
q
WEITRON
http://www.weitron.com.tw
P
At 3.0A DC


Similar Part No. - B340LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
B340LA DIODES-B340LA Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
logo
Linear Technology
B340LA LINER-B340LA Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
B340LA-13-F DIODES-B340LA-13-F Datasheet
459Kb / 3P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
B340LA-13-F DIODES-B340LA-13-F Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
More results

Similar Description - B340LA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL32A WEITRON-SL32A Datasheet
189Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
SL22A WEITRON-SL22A Datasheet
181Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
B140LB WEITRON-B140LB Datasheet
238Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK1060BM SECOS-SK1060BM Datasheet
299Kb / 2P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
Weitron Technology
B340LA WEITRON-B340LA_08 Datasheet
411Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B240L DIODES-B240L Datasheet
381Kb / 4P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
February 2022 Rev. 6 - 2
logo
Weitron Technology
SL12 WEITRON-SL12 Datasheet
207Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
SL14 WEITRON-SL14 Datasheet
73Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
SL14M WEITRON-SL14M Datasheet
334Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
B140L WEITRON-B140L Datasheet
144Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
B240LA WEITRON-B240LA Datasheet
213Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com