Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848CDW Datasheet(PDF) 2 Page - Weitron Technology

Part # BC848CDW
Description  General Purpose Transistor NPN Duals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC848CDW Datasheet(HTML) 2 Page - Weitron Technology

  BC848CDW Datasheet HTML 1Page - Weitron Technology BC848CDW Datasheet HTML 2Page - Weitron Technology BC848CDW Datasheet HTML 3Page - Weitron Technology BC848CDW Datasheet HTML 4Page - Weitron Technology BC848CDW Datasheet HTML 5Page - Weitron Technology BC848CDW Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC846BDW Series
Small-Signal Characteristics
Current-Gain-Bandwidth Product
(IC= 10 mAdc,VCE= 5.0 Vdc, f=100MHz)
Output Capacitance
(VCB= 10 Vdc, f=1.0MHz)
Noise Figure
(VCE= 5.0Vdc, IC= 0.2 mAdc, , RS=2.0k Ω, f=1.0kHz, BW=200Hz)
fT
Cobo
NF
100
-
-
-
4.5
5.0
MHz
pF
dB
WEITRON
DC Current Gain
(IC= 10 uAdc,VCE=5.0Vdc)
(IC= 2.0 mAdc,VCE= 5.0 Vdc)
Collector-Emitter Saturation Voltage
(IC= 10 mAdc, IB= 0.5 mAdc)
(IC= 100 mAdc, IB= 5.0mAdc)
Base-Emitter Saturation Voltage
(IC= 10 mAdc, IB= 0.5 mAdc)
(IC= 100 mAdc, IB= 5.0 mAdc)
Base-Emitter Voltage
(IC= 2.0 mAdc,VCE= 5.0 mAdc)
(IC= 10 mAdc,VCE= 5.0 mAdc)
HFE
VCE(sat)
VBE(sat)
VBE(on)
-
-
-
-
-
200
420
Vdc
Vdc
mVdc
-
-
On Characteristics
http://www.weitron.com.tw
Collector-Emitter Breakdown Voltage (IC=10mAdc)
Collector-Emitter Breakdown Voltage (IC=10 uAdc,VEB=0)
Emitter-Base Breakdown Voltage (IC=10 uAdc)
Collector Cutoff Current (VCB=30Vdc)
(VCB=30Vdc,T =150 C)
V(BR)CEO
V(BR)CES
V(BR)CBO
V(BR)EBO
ICBO
15
5.0
Vdc
Vdc
Vdc
Vdc
nAdc
uAdc
Off C har acter istics
65
45
30
80
50
30
80
50
30
6.0
6.0
5.0
150
270
290
520
450
800
0.25
0.6
0.7
0.9
700
770
580
-
660
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Characteristics
Symbol
Min
Max
-
-
-
-
-
-
-
-
-
-
-
-
Typ
Unit
Electrical Characteristics (TA=25 C Unless Otherwise noted)
BC846
BC847
BC848
BC846
BC847
BC848
BC846
BC847
BC848
Emitter-Base Breakdown Voltage (IE=1.0 uAdc)
BC846
BC847
BC846B,BC847B
BC848C
BC846B,BC847B
BC848C
BC848
A


Similar Part No. - BC848CDW

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BC848CDW YEASHIN-BC848CDW Datasheet
929Kb / 6P
   Dual General Purpose Transistors
logo
FutureWafer Tech Co.,Lt...
BC848CDW FUTUREWAFER-BC848CDW Datasheet
2Mb / 15P
   NPN Silicon Epitaxial General Purpose Transistors
20-DEC-2021 V 2.1
logo
ON Semiconductor
BC848CDW1 ONSEMI-BC848CDW1 Datasheet
110Kb / 11P
   Dual General Purpose Transistors
August, 2016 ??Rev. 11
BC848CDW1T1 ONSEMI-BC848CDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC848CDW1T1 ETL-BC848CDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
More results

Similar Description - BC848CDW

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com