Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F225 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74F225
Description  16X5 asynchronous FIFO 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F225 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74F225 Datasheet HTML 6Page - NXP Semiconductors 74F225 Datasheet HTML 7Page - NXP Semiconductors 74F225 Datasheet HTML 8Page - NXP Semiconductors 74F225 Datasheet HTML 9Page - NXP Semiconductors 74F225 Datasheet HTML 10Page - NXP Semiconductors 74F225 Datasheet HTML 11Page - NXP Semiconductors 74F225 Datasheet HTML 12Page - NXP Semiconductors 74F225 Datasheet HTML 13Page - NXP Semiconductors 74F225 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
74F225
16
× 5 asynchronous FIFO (3-State)
June 15, 1992
10
APPLICATION
OR
UNCPIN
Q0
Q1
Q2
Q3
Q4
CPA
CPB
UNCPOUT
IR
D0
D1
D2
D3
D4
NC
CPA
CPB
UNCPOUT
IR
D0
D1
D2
D3
D4
MR
OE
OR
UNCPIN
Q0
Q1
Q2
Q3
Q4
MR
OE
MR
OE
MR
OE
NC
NC
NC
MR
OE
MR
OE
Output enable
NC
NC
Output ready
Unload clock
5–bit data output
5–bit data output
Load clock
5–bit data input
Master reset
Input ready
5–bit data input
CPA
CPB
UNCPOUT
IR
D0
D1
D2
D3
D4
OR
UNCPIN
Q0
Q1
Q2
Q3
Q4
CPA
CPB
UNCPOUT
IR
D0
D1
D2
D3
D4
OR
UNCPIN
Q0
Q1
Q2
Q3
Q4
CPA
CPB
UNCPOUT
IR
D0
D1
D2
D3
D4
OR
UNCPIN
Q0
Q1
Q2
Q3
Q4
CPA
CPB
UNCPOUT
IR
D0
D1
D2
D3
D4
OR
UNCPIN
Q0
Q1
Q2
Q3
Q4
SF00345
Figure 1. Expanding the 74F225 FIFO (48 words of 10 bits)
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Open Collector Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00128
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION


Similar Part No. - 74F225

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
74F225AI-RC BOURNS-74F225AI-RC Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
More results

Similar Description - 74F225

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com