Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVD103 Datasheet(PDF) 8 Page - THine Electronics, Inc.

Part # THC63LVD103
Description  135MHz 30Bits COLOR LVDS Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD103 Datasheet(HTML) 8 Page - THine Electronics, Inc.

Back Button THC63LVD103 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD103 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD103 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD103 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD103 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD103 Datasheet HTML 9Page - THine Electronics, Inc. THC63LVD103 Datasheet HTML 10Page - THine Electronics, Inc. THC63LVD103 Datasheet HTML 11Page - THine Electronics, Inc. THC63LVD103 Datasheet HTML 12Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Copyright 2001-2006 THine Electronics, Inc. All rights reserved.
8
THine Electronics, Inc.
THC63LVD103 _Rev2.2
Switching Characteristics
VCC = 3.0V ~ 3.6V, Ta = 0
~ +70
AC Timing Diagrams
Symbol
Parameter
Min.
Typ.
Max.
Units
tTCIT
CLK IN Transition time
5.0
ns
tTCP
CLK IN Period
7.4
125.0
ns
tTCH
CLK IN High Time
0.35tTCP
0.5tTCP
0.65tTCP
ns
tTCL
CLK IN Low Time
0.35tTCP
0.5tTCP
0.65tTCP
ns
tTCD
CLK IN to TCLK+/- Delay
3tTCP
ns
tTS
TTL Data Setup to CLK IN
2.5
ns
tTH
TTL Data Hold from CKL IN
0
ns
tLVT
LVDS Transition Time
0.6
1.5
ns
tTOP1
Output Data Position0
-0.2
0.0
+0.2
ns
tTOP0
Output Data Position1
ns
tTOP6
Output Data Position2
ns
tTOP5
Output Data Position3
ns
tTOP4
Output Data Position4
ns
tTOP3
Output Data Position5
ns
tTOP2
Output Data Position6
ns
tTPLL
Phase Lock Loop Set
10.0
ms
°C
°C
t
TCP
7
-----------0.2
t
TCP
7
-----------
t
TCP
7
-----------0.2
+
2
t
TCP
7
-----------0.2
–2
t
TCP
7
-----------2
t
TCP
7
-----------0.2
+
3
t
TCP
7
-----------0.2
–3
t
TCP
7
-----------3
t
TCP
7
-----------0.2
+
4
t
TCP
7
-----------0.2
–4
t
TCP
7
-----------4
t
TCP
7
-----------0.2
+
5
t
TCP
7
-----------0.2
–5
t
TCP
7
-----------5
t
TCP
7
-----------0.2
+
6
t
TCP
7
-----------0.2
–6
t
TCP
7
-----------6
t
TCP
7
-----------0.2
+
TTL Input
5pF
20%
80%
20%
80%
tLVT
tLVT
CLK IN
LVDS Output
90%
10%
90%
10%
tTCIT
tTCIT
Vdiff
100
Ω
Vdiff=(TA+)-(TA-)
TA+
TA-
LVDS Output Load


Similar Part No. - THC63LVD103

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD103D THINE-THC63LVD103D Datasheet
110Kb / 12P
   160MHz 30Bits COLOR LVDS Transmitter
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
   160MHz 30bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVD103

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD103D THINE-THC63LVD103D Datasheet
110Kb / 12P
   160MHz 30Bits COLOR LVDS Transmitter
logo
Rohm
BU7878KVT ROHM-BU7878KVT Datasheet
146Kb / 6P
   90MHz 30BITS COLOR LVDS TRANSMITTER
logo
THine Electronics, Inc.
THC63LVD104 THINE-THC63LVD104 Datasheet
85Kb / 13P
   90MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
   24bit COLOR LVDS TRANSMITTER
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
   160MHz 30bit COLOR LVDS TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com