Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC850B Datasheet(PDF) 1 Page - Weitron Technology

Part # BC850B
Description  General Purpose Transistor NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC850B Datasheet(HTML) 1 Page - Weitron Technology

  BC850B Datasheet HTML 1Page - Weitron Technology BC850B Datasheet HTML 2Page - Weitron Technology BC850B Datasheet HTML 3Page - Weitron Technology BC850B Datasheet HTML 4Page - Weitron Technology BC850B Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Purpose Transistor
NPN Silicon
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base VOltage
Symbol
VCEO
Value
65
45
30
Unit
Rating
1
2
3
BASE
COLLECTOR
EMITTER
SOT-23
BC846
BC847, BC850
BC848, BC849
BC846
BC847, BC850
BC848, BC849
BC846
BC847, BC850
BC848, BC849
IC
VCBO
VEBO
80
50
30
6.0
6.0
5.0
mAdc
Vdc
Vdc
Vdc
1
2
3
1
2
3
MARKING DIAGRAM
XX = Device
Code (See
Table Below)
*Moisture Sensitivity Level: 1
*ESD Rating - Human Body Model:>4000V
-Machine Model:>400V
Collector Current-Continuous
100
1.FR-5=1.0 x 0.75 x 0.062 in.
2.Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina
BC846A=1A; BC846B=1B; BC847A=1E; BC847B=1F;BC847C=1G; BC848A=1J;
BC848B;=1K; BC848C=1L;BC849B=2B; BC849C=2C; BC850B=2F; BC850C=2G
Device Marking
BC846A/B-BC847A/B/C
BC848A/B/C-BC849B/C
BC850B/C
http://www.weitron.com.tw
WEITRON
M aximum R atings ( TA=25 C unless otherwise noted)
Total Device Dissipation FR-5 Board
(Note 1.)TA=25 C
Derate above 25 C
Thermal Resistance, Junction to Ambient
Thermal Resistance, Junction to Ambient
Total Device Dissipation Alumina
Substrate, (Note 2.) TA=25 C
Derate above 25 C
Junction and Storage, Temperature Range
Characteristics
TJ,Tstg
R JA
PD
PD
Symbol
Max
225
1.8
556
300
2.4
417
-55 to +150
Unit
mW
mW/ C
C/W
mW
mW/ C
C/W
C
Thermal Characteristics
(Note 1.)
(Note 2.)
q
R JA
q


Similar Part No. - BC850B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850B PHILIPS-BC850B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Formosa MS
BC850B FORMOSA-BC850B Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Siemens Semiconductor G...
BC850B SIEMENS-BC850B Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Yea Shin Technology Co....
BC850B YEASHIN-BC850B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Infineon Technologies A...
BC850B INFINEON-BC850B Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
More results

Similar Description - BC850B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com