Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25LV010-25SC Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM25LV010-25SC
Description  512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM25LV010-25SC Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM25LV010-25SC Datasheet HTML 1Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 2Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 3Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 4Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 5Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 6Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 7Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 8Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory
With 25 MHz SPI Bus Interface
PMC
FEATURES
• Single Power Supply Operation
- Low voltage range: 2.7 V - 3.6 V
• Memory Organization
- Pm25LV512: 64K x 8 (512 Kbit)
- Pm25LV010: 128K x 8 (1 Mbit)
• Cost Effective Sector/Block Architecture
- Uniform 4 Kbyte sectors
- Uniform 32 Kbyte blocks (8 sectors per block)
- Two blocks with 32 Kbytes each (512 Kbit)
- Four blocks with 32 Kbytes each (1 Mbit)
- 128 pages per block
• Serial Peripheral Interface (SPI) Compatible
- Supports SPI Modes 0 (0,0) and 3 (1,1)
• High Performance Read
- 25 MHz clock rate (maximum)
• Page Mode for Program Operations
- 256 bytes per page
• Block Write Protection
- The Block Protect (BP1, BP0) bits allow part or entire
of the memory to be configured as read-only.
• Hardware Data Protection
- Write Protect (WP#) pin will inhibit write operations
to the status register
• Page Program (up to 256 Bytes)
- Typical 2 ms per page program time
• Sector, Block and Chip Erase
- Typical 40 ms sector/block/chip erase time
• Single Cycle Reprogramming for Status Register
- Build-in erase before programming
• High Product Endurance
- Guarantee 100,000 program/erase cycles per single
sector (preliminary)
- Minimum 20 years data retention
• Industrial Standard Pin-out and Package
- 8-pin JEDEC SOIC
- 8-contact WSON
- Optional lead-free (Pb-free) packages
GENERAL DESCRIPTION
The Pm25LV512/010 are 512 Kbit/1 Mbits 3.0 Volt-only serial Flash memories. These devices are designed to use
a single low voltage, range from 2.7 Volt to 3.6 Volt, power supply to perform read, erase and program operations.
The devices can be programmed in standard EPROM programmers as well.
The device is optimized for use in many commercial applications where low-power and low-voltage operation are
essential. The Pm25LV512/010 is enabled through the Chip Enable pin (CE#) and accessed via a 3-wire interface
consisting of Serial Data Input (Sl), Serial Data Output (SO), and Serial Clock (SCK). All write cycles are com-
pletely self-timed.
Block Write protection for top 1/4, top 1/2 or the entire memory array (1M) or entire memory array (512K) is enabled
by programming the status register. Separate write enable and write disable instructions are provided for additional
data protection. Hardware data protection is provided via the WP pin to protect against inadvertent write attempts
to the status register. The HOLD pin may be used to suspend any serial communication without resetting the serial
sequence.
Programmable Microelectronics Corp.
1
Issue Date: December, 2003, Rev: 1.3
Pm25LV512 / Pm25LV010
The Pm25LV512/010 are manufactured on PMC’s advanced nonvolatile CMOS technology, P-FLASH™. The de-
vices are offered in 8-pin JEDEC SOIC and 8-contact WSON packages with operation frequency up to 25 MHz.


Similar Part No. - PM25LV010-25SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV010A ETC1-PM25LV010A Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
More results

Similar Description - PM25LV010-25SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
   512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
SPANSION
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
   512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com