Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4006MH Datasheet(PDF) 1 Page - Weitron Technology

Part # FM4006MH
Description  Surface Mount Standard Recovery Glass Passivated Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

FM4006MH Datasheet(HTML) 1 Page - Weitron Technology

  FM4006MH Datasheet HTML 1Page - Weitron Technology FM4006MH Datasheet HTML 2Page - Weitron Technology FM4006MH Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-O Utilizing Flame Retardant Epoxy Molding
Compound.
* For surface mounted applications.
* Exceeds environmental standards of MIL-S-19500 / 228
* Low leakage current.
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
1.0 AMPERE
http://www.weitron.com.tw
FM4001MH thru
Surface Mount Standard Recovery
Features:
WEITRON
Glass Passivated Rectifiers
FM4007MH
Mechanical Data:
* Case : Molded plastic, JEDEC SOD-123H
* Terminals : Solder plated, s olderable per MIL-STD-750, Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.0393 gram
SOD-123H Outline Dimension
unit:mm
A
C
B
H
J
H
3.30
3.70
1.40
1.80
-
0.30(TYP)
H
-
0.80(TYP)
J
0.6
1.00
A
B
C
SOD-123H
Dim
Min
Max
SOD-123H
Lead(Pb)-Free
P b
1/3
23-Jun-06


Similar Part No. - FM4006MH

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
FM4006M WEITRON-FM4006M Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4006M WEITRON-FM4006M Datasheet
279Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
More results

Similar Description - FM4006MH

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SM4001 WEITRON-SM4001 Datasheet
281Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M_09 Datasheet
279Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SFM11MH WEITRON-SFM11MH Datasheet
730Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
S2A WEITRON-S2A Datasheet
271Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
S1A WEITRON-S1A Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
S1AB WEITRON-S1AB Datasheet
116Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
logo
GOOD-ARK Electronics
KBJ6A GOOD-ARK-KBJ6A Datasheet
221Kb / 2P
   Surface Mount Glass Passivated Standard Rectifiers
logo
PACELEADER INDUSTRIAL
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com